Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DJ3200AAV Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DJ3200AAV
Description  6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ3200AAV Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC12DJ3200AAV Datasheet HTML 7Page - Texas Instruments ADC12DJ3200AAV Datasheet HTML 8Page - Texas Instruments ADC12DJ3200AAV Datasheet HTML 9Page - Texas Instruments ADC12DJ3200AAV Datasheet HTML 10Page - Texas Instruments ADC12DJ3200AAV Datasheet HTML 11Page - Texas Instruments ADC12DJ3200AAV Datasheet HTML 12Page - Texas Instruments ADC12DJ3200AAV Datasheet HTML 13Page - Texas Instruments ADC12DJ3200AAV Datasheet HTML 14Page - Texas Instruments ADC12DJ3200AAV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
11
ADC12DJ3200
www.ti.com
SLVSD97 – MAY 2017
Product Folder Links: ADC12DJ3200
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics - DC Specifications
Typical values at TA = +25°C, VA19 = 1.9V, VA11 = 1.1V, VD11 = 1.1V, default full-scale voltage (FS_RANGE_A =
FS_RANGE_B = 0xA000), input signal applied to INA+/– in single channel modes, fIN = 248 MHz, fCLK = maximum rated clock
frequency, filtered 1-Vpp sine-wave clock, background calibration, unless otherwise noted. Minimum and maximum values are
at nominal supply voltages and over operating free-air temperature range provided in Recommended Operating Conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
Resolution
Resolution with no missing codes
12
bits
DNL
Differential nonlinearity
±0.3
LSB
INL
Integral nonlinearity
±2.5
LSB
ANALOG INPUTS (INA+, INA–, INB+, INB–)
VOFF
Offset Error
Default full-scale voltage, OS_CAL disabled
±0.6
mV
VOFF_ADJ
Input offset voltage
adjustment range
Available offset correction range (see OS_CAL or
OADJ_x_INx)
±55
mV
VOFF_DRI
FT
Offset Drift
Foreground calibration at nominal temperature only
23
µV/°C
Foreground calibration at each temperature
0
µV/°C
VIN_FSR
Analog differential input full
scale range
Default full-scale voltage (FS_RANGE_A =
FS_RANGE_B = 0xA000)
750
800
850
mVPP
Maximum full-scale voltage (FS_RANGE_A =
FS_RANGE_B = 0xFFFF)
1000
1040
mVPP
Minimum full-scale voltage (FS_RANGE_A =
FS_RANGE_B = 0x2000)
480
500
mVPP
VIN_FSR_
DRIFT
Analog differential input full
scale range drift
Default FS_RANGE_A and FS_RANGE_B setting,
foreground calibration at nominal temperature only,
inputs driven by 50-Ω source, includes effect of RIN
drift
-0.01
%/°C
Default FS_RANGE_A and FS_RANGE_B setting,
foreground calibration at each temperature, inputs
driven by 50-Ω source, includes effect of RIN drift
0.03
%/°C
VIN_FSR_
MATCH
Analog differential input full
scale range matching
Matching between INA+/INA– and INB+/INB–,
default setting, dual channel mode
0.625
%
RIN
Single-ended input resistance
to AGND
Each input terminal is terminated to AGND
48
50
52
Ω
RIN_TEMP
CO
Input termination linear temperature coefficient
17.6
mΩ/°C
CIN
Single-ended input
capacitance
Single channel mode at DC
0.4
pF
Dual channel mode at DC
0.4
pF
TEMPERATURE DIODE CHARACTERISTICS (TDIODE+, TDIODE–)
ΔVBE
Temperature diode voltage
slope
Forced forward current of 100 µA. Offset voltage
(approx. 0.792 V at 0°C) varies with process and
must be measured for each part. Offset
measurement should be done with the device
unpowered or with the PD pin asserted to minimize
device self-heating. PD pin should be asserted only
long enough to take the offset measurement.
-1.6
mV/°C
BANDGAP VOLTAGE OUTPUT (BG)
VBG
Reference output voltage
IL ≤ 100 µA
1.1
V
VBG_DRIF
T
Reference output
temperature drift
IL ≤ 100 µA
-64
µV/°C
CLOCK INPUTS (CLK+, CLK–, SYSREF+, SYSREF–, TMSTP+, TMSTP–)
ZT
Internal termination
Differential termination with DEVCLK_LVPECL_EN =
0, SYSREF_LVPECL_EN = 0 and
TMSTP_LVPECL_EN = 0
110
Ω
Single ended termination to GND (per pin) with
DEVCLK_LVPECL_EN = 0, SYSREF_LVPECL_EN
= 0 and TMSTP_LVPECL_EN = 0
55
Ω


Similar Part No. - ADC12DJ3200AAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ3200AAV TI1-ADC12DJ3200AAV Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAV TI1-ADC12DJ3200AAV Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAVT TI1-ADC12DJ3200AAVT Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAVT TI1-ADC12DJ3200AAVT Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results

Similar Description - ADC12DJ3200AAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP_V01 Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200 Datasheet
1Mb / 122P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200_V01 Datasheet
2Mb / 142P
[Old version datasheet]   ADC12DL3200 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com