Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1243BIGABL Datasheet(PDF) 4 Page - Texas Instruments

Part # X1243BIGABL
Description  Single-Chip 77- and 79-GHz FMCW Transceiver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

X1243BIGABL Datasheet(HTML) 4 Page - Texas Instruments

  X1243BIGABL Datasheet HTML 1Page - Texas Instruments X1243BIGABL Datasheet HTML 2Page - Texas Instruments X1243BIGABL Datasheet HTML 3Page - Texas Instruments X1243BIGABL Datasheet HTML 4Page - Texas Instruments X1243BIGABL Datasheet HTML 5Page - Texas Instruments X1243BIGABL Datasheet HTML 6Page - Texas Instruments X1243BIGABL Datasheet HTML 7Page - Texas Instruments X1243BIGABL Datasheet HTML 8Page - Texas Instruments X1243BIGABL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
AWR1243
SWRS188 – MAY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AWR1243
Device Comparison
Copyright © 2017, Texas Instruments Incorporated
(1)
ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data and
other specifications are subject to change without notice.
3
Device Comparison
Table 3-1. Device Features Comparison
FUNCTION
AWR1243
AWR1443
AWR1642
Number of receivers
4
4
4
Number of transmitters
3
3
2
On-chip memory
576KB
1.5MB
ASIL
B-Capable
B-Capable
Max interface (MHz)
15
5
5
Max real sampling rate (Msps)
37.5
12.5
12.5
Processor
MCU (R4F)
Yes
Yes
DSP (C674x)
Yes
Peripherals
Serial Peripheral Interface (SPI) ports
1
1
2
Quad Serial Peripheral Interface (QSPI)
Yes
Yes
Inter-Integrated Circuit (I2C) interface
1
1
Controller Area Network (DCAN) interface
Yes
Yes
CAN FD
Yes
Trace
Yes
PWM
Yes
Hardware In Loop (HIL/DMM)
Yes
GPADC
Yes
Yes
LVDS/Debug
Yes
Yes
Yes
CSI2
Yes
Hardware accelerator
Yes
1-V bypass mode
Yes
Yes
Yes
Cascade (20-GHz sync)
Yes
JTAG
Yes
Yes
Product status(1)
PRODUCT PREVIEW (PP),
ADVANCE INFORMATION (AI),
or PRODUCTION DATA (PD)
AI
AI
AI


Similar Part No. - X1243BIGABL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 49P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
946Kb / 58P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
More results

Similar Description - X1243BIGABL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR1243 TI1-AWR1243_18 Datasheet
864Kb / 49P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
AWR1243_1811 TI1-AWR1243_1811 Datasheet
946Kb / 58P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642_18 Datasheet
3Mb / 88P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1443 TI1-AWR1443 Datasheet
1Mb / 76P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1443 TI1-AWR1443_18 Datasheet
1Mb / 76P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843AOP TI-AWR1843AOP_V01 Datasheet
3Mb / 88P
[Old version datasheet]   AWR1843AOP Single-chip 77- and 79-GHz FMCW radar sensor
REVISED SEPTEMBER 2021
AWR1843 TI1-AWR1843_V01 Datasheet
2Mb / 75P
[Old version datasheet]   AWR1843 Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843AOP TI-AWR1843AOP Datasheet
3Mb / 80P
[Old version datasheet]   AWR1843AOP Single-chip 77- and 79-GHz FMCW radar sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com