Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25606 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25606
Description  Standalone 3.0-A, Single Cell Battery Charger With 40V Over Voltage Protection Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25606 Datasheet(HTML) 5 Page - Texas Instruments

  BQ25606 Datasheet HTML 1Page - Texas Instruments BQ25606 Datasheet HTML 2Page - Texas Instruments BQ25606 Datasheet HTML 3Page - Texas Instruments BQ25606 Datasheet HTML 4Page - Texas Instruments BQ25606 Datasheet HTML 5Page - Texas Instruments BQ25606 Datasheet HTML 6Page - Texas Instruments BQ25606 Datasheet HTML 7Page - Texas Instruments BQ25606 Datasheet HTML 8Page - Texas Instruments BQ25606 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
bq25606
www.ti.com
SLUSCK6 – MAY 2017
Product Folder Links: bq25606
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(continued)
Terminal
I/O
Description
Name
No.
STAT
5
DO
Open-drain interrupt output. Connect the STAT pin to a logic rail via 10-k
Ω resistor. The STAT pin
indicates charger status.
Charge in progress: LOW
Charge complete or charger in SLEEP mode: HIGH
Charge suspend (fault response): BlinK at 1Hz
SW
19
P
Switching node connecting to output inductor. Internally SW is connected to the source of the n-channel
HSFET and the drain of the n-channel LSFET. Connect the 0.047-μF bootstrap capacitor from SW to
BTST.
20
SYS
15
P
Converter output connection point. The internal current sensing resistor is connected between SYS and
BAT. Connect a 20 µF capacitor close to the SYS pin.
16
TS
11
AI
Temperature qualification voltage input to support JEITA profile. Connect a negative temperature
coefficient thermistor. Program temperature window with a resistor divider from REGN to TS to GND.
Charge suspends when TS pin voltage is out of range. Recommend 103AT-2 thermistor.
VAC
1
AI
Input voltage sensing. When VAC voltage is below ACOV threshold and above UVLO, external OVPFET
turns on. If exteral OVP is not used, This pin must be shorted to VBUS pin.
VBUS
24
P
Charger input voltage. The internal n-channel reverse block MOSFET (RBFET) is connected between
VBUS and PMID with VBUS on source. Place a 1-uF ceramic capacitor from VBUS to GND and place it
as close as possible to IC.
VSET
12
AI
VSET pin sets default battery charge voltage in bq25606. Program battery regulation voltage with a
resistor pull-down from VSET to GND.
RPD > 50kΩ (float pin) = 4.208 V
RPD < 500Ω (short to GND) = 4.352 V
5kΩ < RPD < 25kΩ = 4.400 V
Thermal Pad
P
Ground reference for the device that is also the thermal pad used to conduct heat from the device. This
connection serves two purposes. The first purpose is to provide an electrical ground connection for the
device. The second purpose is to provide a low thermal-impedance path from the device die to the PCB.
This pad should be tied externally to a ground plane.


Similar Part No. - BQ25606

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25600 TI1-BQ25600 Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFR TI1-BQ25600CYFFR Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFT TI1-BQ25600CYFFT Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600D TI1-BQ25600D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
More results

Similar Description - BQ25606

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25300 TI-BQ25300 Datasheet
1Mb / 32P
[Old version datasheet]   BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger
BQ25306 TI-BQ25306_V01 Datasheet
260Kb / 10P
[Old version datasheet]   BQ25306 Standalone 17-V, 3.0-A Single Cell and Dual Cell Buck Battery Charger
BQ25306 TI1-BQ25306 Datasheet
177Kb / 7P
[Old version datasheet]   BQ25306 Standalone 17-V, 3.0-A Single Cell and Dual Cell Buck Battery Charger
logo
Richtek Technology Corp...
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
logo
Texas Instruments
BQ25303J TI-BQ25303J Datasheet
1Mb / 32P
[Old version datasheet]   BQ25303J Standalone 1-Cell, 17-V, 3.0-A Battery Charger with JEITA Battery Temperature Monitoring
BQ25302 TI-BQ25302 Datasheet
2Mb / 38P
[Old version datasheet]   BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
[Old version datasheet]   BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
logo
Unisonic Technologies
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com