Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25700ARSNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25700ARSNR
Description  SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25700ARSNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ25700ARSNR Datasheet HTML 4Page - Texas Instruments BQ25700ARSNR Datasheet HTML 5Page - Texas Instruments BQ25700ARSNR Datasheet HTML 6Page - Texas Instruments BQ25700ARSNR Datasheet HTML 7Page - Texas Instruments BQ25700ARSNR Datasheet HTML 8Page - Texas Instruments BQ25700ARSNR Datasheet HTML 9Page - Texas Instruments BQ25700ARSNR Datasheet HTML 10Page - Texas Instruments BQ25700ARSNR Datasheet HTML 11Page - Texas Instruments BQ25700ARSNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
8
bq25700A
SLUSCQ8 – MAY 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
bq25700A
UNIT
RSN (WQFN)
32 PINS
RθJA
Junction-to-ambient thermal resistance
37.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
26.1
°C/W
RθJB
Junction-to-board thermal resistance
7.8
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.3
°C/W
7.5 Electrical Characteristics
over TJ = –40 to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VINPUT_OP
Input voltage operating range
3.5
26
V
REGULATION ACCURACY
MAX SYSTEM VOLTAGE REGULATION
VSYSMAX_RNG
System voltage regulation,
measured on VSYS
1.024
19.2
V
VSYSMAX_ACC
System voltage regulation
accuracy (charge disable)
REG0x15() = 0x41A0H
(16.800 V)
VSRN + 160 mV
V
–2%
2%
REG0x15() = 0x3130H
(12.592 V)
VSRN + 160 mV
V
–2%
2%
REG0x15() = 0x20D0H
(8.400 V)
VSRN + 160 mV
V
–3%
3%
REG0x15() = 0x1060H
(4.192 V)
VSRN + 160 mV
V
–3%
3%
MINIMUM SYSTEM VOLTAGE REGULATION
VSYSMIN_RNG
System voltage regulation,
measured on VSYS
1.024
19.2
V
VSYSMIN_REG_ACC
Minimum system voltage
regulation accuracy (charge
enable, VBAT below
REG0x3E() setting)
REG0x3E() = 0x3000H
12.288
V
–2%
2%
REG0x3E() = 0x2400H
9.216
V
–2%
2%
REG0x3E() = 0x1800H
6.144
V
–3%
3%
REG0x3E() = 0x0E00H
3.584
V
–3%
4%
CHARGE VOLTAGE REGULATION
VBAT_RNG
Battery voltage regulation
1.024
19.2
V
VBAT_REG_ACC
Battery voltage regulation
accuracy (charge enable)
(0°C to 85°C)
REG0x15() = 0x41A0H
16.8
V
–0.5%
0.5%
REG0x15() = 0x3130H
12.592
V
–0.5%
0.5%
REG0x15() = 0x20D0H
8.4
V
–0.6%
0.6%
REG0x15() = 0x1060H
4.192
V
–1.1%
1.2%


Similar Part No. - BQ25700ARSNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703ARSNR TI1-BQ25703ARSNR Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703ARSNT TI1-BQ25703ARSNT Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708RSNR TI1-BQ25708RSNR Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
More results

Similar Description - BQ25700ARSNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
[Old version datasheet]   SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
[Old version datasheet]   BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
[Old version datasheet]   BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ24773 TI-BQ24773_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com