Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25700ARSNR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25700ARSNR
Description  SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25700ARSNR Datasheet(HTML) 1 Page - Texas Instruments

  BQ25700ARSNR Datasheet HTML 1Page - Texas Instruments BQ25700ARSNR Datasheet HTML 2Page - Texas Instruments BQ25700ARSNR Datasheet HTML 3Page - Texas Instruments BQ25700ARSNR Datasheet HTML 4Page - Texas Instruments BQ25700ARSNR Datasheet HTML 5Page - Texas Instruments BQ25700ARSNR Datasheet HTML 6Page - Texas Instruments BQ25700ARSNR Datasheet HTML 7Page - Texas Instruments BQ25700ARSNR Datasheet HTML 8Page - Texas Instruments BQ25700ARSNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
bq25700A
ACN
VBUS
HIDRV1
SRN
VSYS
BATT
(1S-4S)
BTST1BTST2
LODRV1
SW1
SW2
LODRV2
HIDRV2
SRP
BATDRV
ACP
SYS
Host
Q1
Q2
Q3
Q4
Adapter
3.5V ± 24V
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
bq25700A
SLUSCQ8 – MAY 2017
bq25700A SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System
Power Monitor and Processor Hot Monitor
1
1 Features
1
Charge 1- to 4-Cell Battery From Wide Range of
Input Sources
3.5-V to 24-V Input Operating Voltage
Supports USB2.0, USB 3.0, USB 3.1 (Type C),
and USB_PD Input Current Settings
Seamless Transition Between Buck and Boost
Operation
Input Current and Voltage Regulation (IDPM
and VDPM) Against Source Overload
Power/Current Monitor for CPU Throttling
Comprehensive PROCHOT Profile, IMVP8
Compliant
Input and Battery Current Monitor
System Power Monitor, IMVP8 Compliant
Narrow-VDC (NVDC) Power Path Management
Instant-On With No Battery or Deeply
Discharged Battery
Battery Supplements System When Adapter is
Fully-Loaded
Ideal Diode Operation in Supplement Mode
Power Up USB Port From Battery (USB OTG)
Output 4.48-V to 20.8-V Compatible With USB
PD
Output Current Limit up to 6.35 A
800-kHz or 1.2-MHz Programmable Switching
Frequency for 1-µH to 2.2-µH Low Profile Inductor
Host Control Interface for Flexible System
Configuration
SMBus (bq25700A) Port for Optimal System
Performance and Status Reporting
Hardware Pin to Set Input Current Limit
Without EC Control
High Accuracy Regulation and Monitor
±0.5% Charge Voltage Regulation
±2% Input/Charge Current Regulation
±2% Input/Charge Current Monitor
±5% Power Monitor
Safety
Thermal Shutdown
Input, System, Battery Overvoltage Protection
MOSFET Inductor Overcurrent Protection
Low Battery Quiescent Current
Input Current Optimizer (ICO) to Extract Max Input
Power
Charge Any Battery Chemistry: Li+, LiFePO4,
NiCd, NiMH, Lead Acid
Package: 32-Pin 4 × 4 WQFN
2 Applications
Ultra-Books, Notebooks, Detachable, and Tablet
PCs and Power Bank
Industrial and Medical Equipment
Portable Equipment With Rechargeable Batteries
3 Description
The bq25700A is a synchronous NVDC battery buck-
boost charge controller, offering low component
count, high efficiency solution for space-constraint,
multi-chemistry battery charging applications.
The NVDC-1 configuration allows the system to be
regulated at battery voltage, but not drop below
system
minimum
voltage.
The
system
keeps
operating even when the battery is completely
discharged or removed. When load power exceeds
input source rating, the battery goes into supplement
mode and prevents the input source from being
overloaded.
The bq25700A charges battery from a wide range of
input sources including USB adapter, high voltage
USB PD sources and traditional adapters.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq25700A
WQFN (32)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Diagram


Similar Part No. - BQ25700ARSNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703ARSNR TI1-BQ25703ARSNR Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703ARSNT TI1-BQ25703ARSNT Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708RSNR TI1-BQ25708RSNR Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
More results

Similar Description - BQ25700ARSNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
[Old version datasheet]   SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
[Old version datasheet]   BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
[Old version datasheet]   BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ24773 TI-BQ24773_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com