Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25700ARSNT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25700ARSNT
Description  SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25700ARSNT Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ25700ARSNT Datasheet HTML 6Page - Texas Instruments BQ25700ARSNT Datasheet HTML 7Page - Texas Instruments BQ25700ARSNT Datasheet HTML 8Page - Texas Instruments BQ25700ARSNT Datasheet HTML 9Page - Texas Instruments BQ25700ARSNT Datasheet HTML 10Page - Texas Instruments BQ25700ARSNT Datasheet HTML 11Page - Texas Instruments BQ25700ARSNT Datasheet HTML 12Page - Texas Instruments BQ25700ARSNT Datasheet HTML 13Page - Texas Instruments BQ25700ARSNT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
10
bq25700A
SLUSCQ8 – MAY 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over TJ = –40 to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDPM_REG_ACC
Input voltage regulation
accuracy
REG0x3B()=0x3C80H
18688
mV
–2%
2%
REG0x3B()=0x1E00H
10880
mV
–2.5%
2.5%
REG0x3B()=0x0500H
4480
mV
–3%
5%
OTG CURRENT REGULATION
VIOTG_REG_RNG
Input current regulation
differential voltage range
VIREG_DPM = VACP – VACN
0
81.28
mV
IOTG_ACC
Input current regulation
accuracy with 50-mA LSB,
with 10-Ω ACP/ACN series
resistor
REG0x3C() = 0x3C00H
2800
3000
3200
mA
REG0x3C() = 0x1E00H
1300
1500
1700
mA
REG0x3C() = 0x0A00H
300
500
700
mA
OTG VOLTAGE REGULATION
VIREG_DPM_RNG
Input voltage regulation range Voltage on VBUS
4.48
20.8
V
VOTG_REG_ACC
OTG voltage regulation
accuracy
REG0x3D()=0x3CC0H
20.032
V
–2%
2%
REG0x3D()=0x1D80H
12.032
V
–2%
2%
REG0x3D()=0x0240H
5.056
V
–3%
3%
REFERENCE AND BUFFER
REGN REGULATOR
VREGN_REG
REGN regulator voltage (0
mA–60 mA)
VVBUS = 10 V
5.7
6
6.3
V
VDROPOUT
REGN voltage in drop out
mode
VVBUS = 5 V, ILOAD = 20 mA
3.8
4.3
4.6
V
IREGN_LIM_Charging
REGN current limit when
converter is enabled
VVBUS = 10 V, force VREGN =
4 V
50
65
mA
CREGN
REGN output capacitor
required for stability
ILOAD = 100 µA to 50 mA
2.2
µF
CVDDA
REGN output capacitor
required for stability
ILOAD = 100 µA to 50 mA
1
µF
QUIESCENT CURRENT
IBAT_BATFET_ON
System powered by battery.
BATFET on. ISRN + ISRP +
ISW2+ IBTST2 + ISW1 + IBTST1+
ACP + IACN + IVBUS + IVSYS
VBAT = 18 V, REG0x12[15]
= 1, in low power mode
22
45
µA
VBAT = 18 V, REG0x12[15]
= 0, REG0x30[14:13] = 01,
REGN off
105
175
µA
VBAT=18 V, REG0x12[15] =
0, REG0x30[14:13] = 10,
REGN off
60
90
µA
VBAT = 18 V, REG0x12[15]
= 0, REG0x30[12] = 0,
REGN on, EN_PSYS
860
1150
µA
VBAT = 18 V, REG0x12[15]
= 0, REG0x30[12] = 1,
REGN on
960
1250
IAC_SW_LIGHT_buck
Input current during PFM in
buck mode, no load, IVBUS +
IACP + IACN + IVSYS + ISRP +
ISRN + ISW1 + IBTST + ISW2 +
IBTST2
VIN = 20 V, VBAT = 12.6 V,
3 s, REG0x12[10] = 0;
MOSFET Qg = 4 nC
2.2
mA


Similar Part No. - BQ25700ARSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703ARSNR TI1-BQ25703ARSNR Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703ARSNT TI1-BQ25703ARSNT Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708RSNR TI1-BQ25708RSNR Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
More results

Similar Description - BQ25700ARSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
[Old version datasheet]   SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
[Old version datasheet]   BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
[Old version datasheet]   BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ24773 TI-BQ24773_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com