Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL651USB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GL651USB
Description  2-PORT USB KEYBOARD HUB CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL651USB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GL651USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
03/06/00
GL651USB USB KEYBOARD HUB CONTROLLER
Version 1.0
Before FFRST[1:0] is used, ENDP[1~3] must have been set.
DRVSEL
( offset 0C)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
--
INVDRV
DRVOE
DRV4
DRV3
DRV2
DRV1
DRV0
DRV[4:0]
: Select one of DRV1 to DRV20 port to drive if DRVOE is set.
5’h00 ~ 5’h11 stand for DRV1 to DRV20.
NOTE: 5’h14 ~5’h1f are invalid.
DROVE
: DRV[4:0] output enable. ONLY when DRVOE is set can DRV[4:0] drive
out.
INVDRV
: Set this bit to drive all DRV1-20 to low except the selected drive pin
SENSE ( offset 0D, default = 00h )
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
SENSE8
SENSE7
SENSE6
SENSE5
SENSE4
SENSE3
SENSE2
SENSE1
PORT_ENDP_SEL
( offset 0E, default = 00h )
R/W
R/W
R/W
R/W
R/W
R/W
--
PORTSEL
3
PORTSEL
2
PORTSEL
1
--
EPSEL3
EPSEL2
EPSEL1
Port under host command or Endpoint under host request
PORTSEL1
1’b1 – port 1 selected
PORTSEL2
1’b1 – port 2 selected
PORTSEL3
1’b1 – port 3 selected
EPSEL3
1’b1 – endpoint 3 is selected
EPSEL2
1’b1 – endpoint 2 is selected
EPSEL1
1’b1 – endpoint 1 is selected
Before FFDAT123 and TXCTL123 is used, EPSEL1~3 must have been set.
HUB_STAT_CHG
( offset 0F, default = 00h )
R/O
R/O
R/O
R/O
LCPWR
OVCUR
--
--
--
--
C_LCPWR C_OVCUR
HUB status and status change
LCPWR
: HUB local power status
1’b0 – local power good
1’b1 – local power lost
OVRCUR
: HUB over current indicator
1’b0 – No over-current condition currently exists
1’b1 – A hub over-current condition exists
C_LCPWR
: Local power status change
1’b0 – No change has occurred to local power status
1’b1 – local power status has changed
C_OVRCUR
: HUB over current indicator change
1’b0 – No change has occurred to the over-current indicator
1’b1 – Hub over-current indicator has changed
PORT_STATUS ( offset 10, default = 00h )
R/O
R/O
R/O
R/O
R/O
R/O
R/O
PT_LOW_
SPD
PT_PWR
--
PT_RST
PT_OVCU
R
PT_SUS
PT_EN
PT_CON
Port status indicator:


Similar Part No. - GL651USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL650USB ETC-GL650USB Datasheet
210Kb / 16P
   USB 4 PORT HUB CONTROLLER
GL652 ETC-GL652 Datasheet
190Kb / 17P
   USB 7 PORT HUB CONTROLLER
GL652USB ETC-GL652USB Datasheet
190Kb / 17P
   USB 7 PORT HUB CONTROLLER
logo
Hynix Semiconductor
GL6551 HYNIX-GL6551 Datasheet
71Kb / 5P
   COMPANDER
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
More results

Similar Description - GL651USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
AU9472R2 ETC1-AU9472R2 Datasheet
447Kb / 31P
   Integrated USB Keyboard and 2 Port Hub Controller Chip
logo
Microchip Technology
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
   2-Port USB 2.0 Hub Controller
06/23/16
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
   2-Port USB 2.0 Hub Controller
logo
ATMEL Corporation
AT43USB325 ATMEL-AT43USB325_05 Datasheet
1Mb / 109P
   Multimedia USB Keyboard Controller with Embedded Hub
logo
Winbond
W81282F WINBOND-W81282F Datasheet
175Kb / 18P
   USB Keyboard Controller with 4 Ports Hub
logo
ATMEL Corporation
AT43USB326 ATMEL-AT43USB326_06 Datasheet
1Mb / 102P
   Multimedia USB Keyboard Controller with Embedded Hub
logo
Microchip Technology
USB5532B MICROCHIP-USB5532B Datasheet
532Kb / 40P
   2-Port SS/HS USB Hub Controller
07/14/15
USB5742 MICROCHIP-USB5742 Datasheet
683Kb / 46P
   2-Port SS/HS USB Controller Hub
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com