Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2505PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2505PWR
Description  3.3-V Clock Phase-Lock Loop Clock Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2505PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCVF2505PWR Datasheet HTML 5Page - Texas Instruments CDCVF2505PWR Datasheet HTML 6Page - Texas Instruments CDCVF2505PWR Datasheet HTML 7Page - Texas Instruments CDCVF2505PWR Datasheet HTML 8Page - Texas Instruments CDCVF2505PWR Datasheet HTML 9Page - Texas Instruments CDCVF2505PWR Datasheet HTML 10Page - Texas Instruments CDCVF2505PWR Datasheet HTML 11Page - Texas Instruments CDCVF2505PWR Datasheet HTML 12Page - Texas Instruments CDCVF2505PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
CDCVF2505
www.ti.com
SCAS640G – JULY 2000 – REVISED AUGUST 2016
Product Folder Links: CDCVF2505
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
9.4 Device Functional Modes
The device has two functional modes: active and power down.
The CDCVF2505 automatically switches from active to power down, and vice versa, when the detected CLKIN
reference frequency is low. The PLL automatically switches on and tries to lock to the reference clock as soon as
the input frequency exceeds 20 MHz (typical). The PLL switches off and tri-states the output buffers when the
input frequency goes below 12 MHz (typical).
(1)
Full device functionality is specified for frequencies equal to or higher
than 24 MHz. Below 1 MHz, the device goes in power-down mode in
which the PLL is turned off and the outputs enter into Hi-Z mode.
Table 1. Function Table
INPUT
OUTPUTS
CLKIN
1Y (0:3)
CLKOUT
L
L
L
H
H
H
≤1 MHz(1)
Z
Z


Similar Part No. - CDCVF2505PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505PWR TI-CDCVF2505PWR Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505PWR TI1-CDCVF2505PWR Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505PWRG4 TI-CDCVF2505PWRG4 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505PWRG4 TI1-CDCVF2505PWRG4 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCVF2505PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505_10 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com