Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL21A106KAFN3NE Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # CL21A106KAFN3NE
Description  3A, High Voltage Boost Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

CL21A106KAFN3NE Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  CL21A106KAFN3NE Datasheet HTML 1Page - MagnaChip Semiconductor. CL21A106KAFN3NE Datasheet HTML 2Page - MagnaChip Semiconductor. CL21A106KAFN3NE Datasheet HTML 3Page - MagnaChip Semiconductor. CL21A106KAFN3NE Datasheet HTML 4Page - MagnaChip Semiconductor. CL21A106KAFN3NE Datasheet HTML 5Page - MagnaChip Semiconductor. CL21A106KAFN3NE Datasheet HTML 6Page - MagnaChip Semiconductor. CL21A106KAFN3NE Datasheet HTML 7Page - MagnaChip Semiconductor. CL21A106KAFN3NE Datasheet HTML 8Page - MagnaChip Semiconductor. CL21A106KAFN3NE Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
3
Pin Configuration
Pin Definitions
Pin#
Name
Description
1
COMP
Compensation Pin for Error Amplifier. Connect a series RC from COMP to GND.
2
FB
Feedback. The FB regulation voltage is 1.25V nominal. Connect an external resistive
voltage divider between the step-up regulator
’s output(VOUT) and GND, with the center tap
connected to FB. Place the divider close to the IC and minimize the trace area to reduce
noise coupling.
3
EN
Chip Enable. Drive EN low to turn off the Boost
4,5,11
(Exposed Pad)
GND
Ground. The Exposed Pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
6,7
LX
Switch. LX is the drain of the internal MOSFET. Connect the inductor/rectifier diode junction
to LX and minimize the trace area for lower EMI.
8
VOUT
Boost Converter Over Voltage Protection input. Bypass VOUT with a minimum 1uF ceramic
capacitor directly to GND.
9
VIN
Supply Input. Bypass VIN with a minimum 1uF ceramic capacitor directly to GND.
10
SS
Soft-Start Control. Connect a soft-start capacitor(CSS) to this pin. The soft-start capacitor is
charged with a constant current of 5uA. The soft-start capacitor is discharged to ground
when EN is low
Absolute Maximum Ratings
Parameter
Value
Unit
LX, VOUT to GND
-0.3V to 28V
V
VIN, EN, SS, FB to GND
-0.3V to 16.5V
V
COMP to GND
-0.3V to 6.0V
V
Junction Temperature Range
-40 to +150
Storage Temperature Range
-65 to +150
Package Thermal Resistance (JA)
65.9
℃/W
Power Dissipation (Ta=25℃)
1.517
W
Human Body Model(HBM)
2
kV
Machine Model(MM)
200
V
Charged Device Model (CDM)
700
V
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation
under these conditions is not implied.
Recommended Operating conditions
Ambient Temperature Range
-40 to +85
Junction Temperature Rnage
-40 to +125
Exposed
PAD
COMP
FB
EN
GND
GND
LX
VOUT
VIN
SS
LX
11
1
2
3
4
5
6
7
8
9
10
3mm x 3mm Ultra thin DFN-10
(Top view)


Similar Part No. - CL21A106KAFN3NE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21A106KAYNNNE SAMSUNG-CL21A106KAYNNNE Datasheet
236Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
More results

Similar Description - CL21A106KAFN3NE

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
   3A High Voltage Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
   1MHz, 3A boost converter
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
   3A 750KHz Asynchronous Boost Converter
logo
Richtek Technology Corp...
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
   High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
logo
E-CMOS Corporation
EC3651 E-CMOS-EC3651 Datasheet
600Kb / 10P
   16V 3A 4-Switch Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com