Electronic Components Datasheet Search |
|
GNR07D180K Datasheet(PDF) 2 Page - Ceramate Technical |
|
GNR07D180K Datasheet(HTML) 2 Page - Ceramate Technical |
2 / 5 page TYPE GNR07D□□□ □□□ □□□ □□□K MODEL PAGE 2/ 5 CITATION DATE Oct. 13, 2001 SUBJECT QUALITY APPROVAL and STRUCTURE REV. B01 1. QUALITY SYSTEM APPROVAL ISO9001 Certificate of approval No.97-HOU-AQ-1382 2. SAFETY STANDARDS APPROVAL Standard No. UL 1414 UL 1449 UL 497B CUL CSA C22.2 No.1 VDE 42000 File No. E181368 E166389 E187844 E166389 LR105317 5938 180K〜680K Approved 820K〜181K Approved Approved Approved Approved 201K〜471K Approved Approved Approved Approved Approved Approved 3. STRUCTURE NO. ITEM DESCRIPTION 3.1 Main Material Zinc Oxide 3.2 Coating Material Epoxy Resin 3.3 Marking GNR, Part number, UL, CSA(or CUL) and VDE recognized component mark, Date code 3.4 Appearance Without dirt and crack, marking should be clear D(max.) 9.0 H(max.) 12.0 T(max.) * * * *(1) F5.0± 1.0 ψd0.6± 0.1 L(min.) 25.0 k(max.) 3.0 3.5 Dimensions Unit: mm * * * *(1) See Page 3, Dimensions Table |
Similar Part No. - GNR07D180K |
|
Similar Description - GNR07D180K |