Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL10B333JB8NNNC Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # CL10B333JB8NNNC
Description  3A, High Voltage Boost Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

CL10B333JB8NNNC Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  CL10B333JB8NNNC Datasheet HTML 1Page - MagnaChip Semiconductor. CL10B333JB8NNNC Datasheet HTML 2Page - MagnaChip Semiconductor. CL10B333JB8NNNC Datasheet HTML 3Page - MagnaChip Semiconductor. CL10B333JB8NNNC Datasheet HTML 4Page - MagnaChip Semiconductor. CL10B333JB8NNNC Datasheet HTML 5Page - MagnaChip Semiconductor. CL10B333JB8NNNC Datasheet HTML 6Page - MagnaChip Semiconductor. CL10B333JB8NNNC Datasheet HTML 7Page - MagnaChip Semiconductor. CL10B333JB8NNNC Datasheet HTML 8Page - MagnaChip Semiconductor. CL10B333JB8NNNC Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
4
Electrical Characteristics
VIN=VEN=12V, VOUT=16.25V, Typical values are at TA=25℃(unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
General Section
VIN
Input Voltage Range
8.6
15.9
V
VUVLO
Under Voltage Lock Out
Rising Threshold voltage
8.0
8.3
8.6
V
Hysteresis
0.6
0.8
1.0
V
IQ(ON)
Quiescent Current
VFB=1.3V, Not Switching
1.0
1.2
mA
REN
Enable Pull down resistance
0.5
1.0
1.5
M
TSD
Thermal Shutdown Temperature
(Note1)
150
TSD_HYS
Thermal Shutdown Hysteresis
(Note1)
10
VOVP
VOUT Over Voltage Threshold
VOUT Rising
18
19
20
V
Oscillator
fOSC
Oscillator Frequency
450
500
550
kHz
DMAX
Maximum Duty Cycle
81
90
99
%
Error Amplifier
VREF
FB Regulation Voltage
1.2375
1.25
1.2625
V
IFB
FB Input Bias Current
100
nA
VFB_LINE
FB Line Regulation
0.05
0.2
V
Gm
Transconductance
ΔI=±2.5uA at VCOMP=1V
80
100
120
uA/V
AV
Voltage Gain
(Note1)
FB to COMP
700
V/V
N-MOSFET
ILIM
Current Limit
(Note1)
4.5
A
RDS(ON)
On-Resistance
(Note1)
100
250
mΩ
ILEAK
Leakage Current
VLX=24V
10
uA
RCS
Current Sense Transresistance
(Note1)
0.25
V/A
Soft-Start
Charge Current
3.5
5.0
6.5
uA
Control Inputs
VIH
Enable Logic High Voltage
1.4
V
VIL
Enable Logic Low Voltage
0.7
Note1) Guaranteed by design, characterization and correlation with process controls, Not fully tested in production


Similar Part No. - CL10B333JB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10B332KB8 SAMSUNG-CL10B332KB8 Datasheet
78Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
logo
Analog Devices
CL10B334KO8NNNC AD-CL10B334KO8NNNC Datasheet
2Mb / 24P
   Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results

Similar Description - CL10B333JB8NNNC

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
   3A High Voltage Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
   1MHz, 3A boost converter
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
   3A 750KHz Asynchronous Boost Converter
logo
Richtek Technology Corp...
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
   High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
logo
E-CMOS Corporation
EC3651 E-CMOS-EC3651 Datasheet
600Kb / 10P
   16V 3A 4-Switch Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com