Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7617 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ACPM-7617
Description  Multiband, Multimode PA Quad-Band GSM/EDGE and Multi Mode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPM-7617 Datasheet(HTML) 1 Page - Broadcom Corporation.

  ACPM-7617 Datasheet HTML 1Page - Broadcom Corporation. ACPM-7617 Datasheet HTML 2Page - Broadcom Corporation. ACPM-7617 Datasheet HTML 3Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Avago Technologies
- 1 -
Description
The ACPM- 7617 is a multiband, multimode PA (power
amplifier) that supports GMSK and 8-PSK modulation schemes
and UMTS/LTE bands 1, 2, 3, 4, 5, 8, and 17. The ACPM-7617 is
designed to support ET (envelope tracking).
Input and output terminals are internally matched to 50 ohms.
The power amplifier is manufactured on an advanced InGaP
HBT technology that offers state-of-the-art reliability,
temperature stability, and ruggedness. This module is housed
in a cost effective, extremely small and thin 5 mm × 7 mm
package.
Features
Quad band GSM/EDGE
UMTS/LTE B1, B2, B3, B4, B5, B8, and B17
Compatible with MIPI RFFE
Small size (7 mm ×5 mm)
Excellent linearity
High efficiency
Bias (quiescent current) control by MIPI RFFE
42-pin surface mounting package
Internal 50-ohm matching networks for both RF input and
output
Green – Lead-free and RoHS compliant
Application
GSM850/900, DCS1800/PCS1900
UMTS/LTE B1
UMTS/LTE B2
UMTS/LTE B3
UMTS/LTE B4
UMTS/LTE B5
UMTS/LTE B8
LTE B17
Ordering Information
Part Number
Number of
Devices
Container
ACPM-7617-TR1
1,000
178 mm (7 in.) tape/reel
ACPM-7617
Multiband, Multimode PA
Quad-Band GSM/EDGE and Multi Mode
B1/B2/B3/B4/B5(26)/B8/B17
Product Brief


Similar Part No. - ACPM-7617

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7617 AVAGO-ACPM-7617 Datasheet
195Kb / 3P
   Multiband, Multimode PA Quad-Band GSM/EDGE and Multi Mode
More results

Similar Description - ACPM-7617

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7777 AVAGO-ACPM-7777 Datasheet
228Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Broadcom Corporation.
ACPM-7600 BOARDCOM-ACPM-7600 Datasheet
233Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7700 AVAGO-ACPM-7700 Datasheet
187Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Broadcom Corporation.
ACPM-7620 BOARDCOM-ACPM-7620 Datasheet
193Kb / 4P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7617 AVAGO-ACPM-7617 Datasheet
195Kb / 3P
   Multiband, Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Broadcom Corporation.
ACPM-7800 BOARDCOM-ACPM-7800 Datasheet
201Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
ACPM-7700 BOARDCOM-ACPM-7700 Datasheet
187Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
ACPM-7777 BOARDCOM-ACPM-7777 Datasheet
228Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7600 AVAGO-ACPM-7600 Datasheet
233Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
ACPM-7717 AVAGO-ACPM-7717 Datasheet
194Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com