Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4121 Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # 1N4121
Description  Consolidated shipping options
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4121 Datasheet(HTML) 3 Page - Central Semiconductor Corp

  1N4121 Datasheet HTML 1Page - Central Semiconductor Corp 1N4121 Datasheet HTML 2Page - Central Semiconductor Corp 1N4121 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the latest version of Central Semiconductor’s LIMITATIONS AND DAMAGES DISCLAIMER,
which is part of Central’s Standard Terms and Conditions of sale, visit: www.centralsemi.com/terms
OUTSTANDING SUPPORT AND SUPERIOR SERVICES
PRODUCT SUPPORT
Central’s operations team provides the highest level of support to insure product is delivered on-time.
• Supply management (Customer portals)
• Custom bar coding for shipments
• Inventory bonding
• Custom product packing
• Consolidated shipping options
CONTACT US
Corporate Headquarters & Customer Support Team
Central Semiconductor Corp.
145 Adams Avenue
Hauppauge, NY 11788 USA
Main Tel: (631) 435-1110
Main Fax: (631) 435-1824
Support Team Fax: (631) 435-3388
www.centralsemi.com
Worldwide Field Representatives:
www.centralsemi.com/wwreps
Worldwide Distributors:
www.centralsemi.com/wwdistributors
DESIGNER SUPPORT/SERVICES
Central’s applications engineering team is ready to discuss your design challenges. Just ask.
• Free quick ship samples (2nd day air)
• Special wafer diffusions
• Online technical data and parametric search
• PbSn plating options
• SPICE models
• Package details
• Custom electrical curves
• Application notes
• Environmental regulation compliance
• Application and design sample kits
• Customer specific screening
• Custom product and package development
• Up-screening capabilities
(000)
www.centr a lsemi.com


Similar Part No. - 1N4121

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4121 CDI-DIODE-1N4121 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4121 MCC-1N4121 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4121 KNOX-1N4121 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4121 MICROSEMI-1N4121 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4121 MICROSEMI-1N4121 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Similar Description - 1N4121

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N4614 CENTRAL-1N4614 Datasheet
431Kb / 3P
   Consolidated shipping options
CBR1 CENTRAL-CBR1 Datasheet
664Kb / 3P
   Consolidated shipping options
logo
Tripp Lite. All Rights ...
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
   4U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
   6U ABS Server Rack Equipment Shipping Case
SRCASE2U TRIPPLITE-SRCASE2U Datasheet
164Kb / 2P
   2U ABS Server Rack Equipment Shipping Case
SRCASE10U TRIPPLITE-SRCASE10U Datasheet
198Kb / 2P
   10U ABS Server Rack Equipment Shipping Case
logo
Artesyn Technologies
LDS70 ARTESYN-LDS70 Datasheet
973Kb / 3P
   Dimming options
LDS150 ARTESYN-LDS150 Datasheet
1,019Kb / 3P
   Dimming options
LDS100 ARTESYN-LDS100 Datasheet
998Kb / 3P
   Dimming options
logo
Littelfuse
K1500GRP LITTELFUSE-K1500GRP Datasheet
306Kb / 8P
   Packing Options
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com