Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4126 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1N4126
Description  Consolidated shipping options
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4126 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1N4126 Datasheet HTML 1Page - Central Semiconductor Corp 1N4126 Datasheet HTML 2Page - Central Semiconductor Corp 1N4126 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4099 THRU 1N4135
SILICON ZENER DIODE
LOW NOISE
6.8 VOLT THRU 100 VOLT
250mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N4099 series
silicon Zener diode is designed for low leakage, low
current, and low noise applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.1V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
NOISE
DENSITY
MIN
NOM
MAX
IZT
ZZT @ IZT
IR
@
VR
IZM
ND @ 250μA
V
V
V
μA
Ω
μA
V
mA
μV/ Hz
1N4099
6.460
6.8
7.140
250
200
10
5.2
35.0
40
1N4100
7.125
7.5
7.875
250
200
10
5.7
31.8
40
1N4101
7.790
8.2
8.610
250
200
1.0
6.3
29.0
40
1N4102
8.265
8.7
9.135
250
200
1.0
6.7
27.4
40
1N4103
8.645
9.1
9.555
250
200
1.0
7.0
26.2
40
1N4104
9.50
10
10.50
250
200
1.0
7.6
24.8
40
1N4105
10.45
11
11.55
250
200
0.05
8.5
21.6
40
1N4106
11.40
12
12.60
250
200
0.05
9.2
20.4
40
1N4107
12.35
13
13.65
250
200
0.05
9.9
19.0
40
1N4108
13.30
14
14.70
250
200
0.05
10.7
17.5
40
1N4109
14.25
15
15.75
250
100
0.05
11.4
16.3
40
1N4110
15.20
16
16.80
250
100
0.05
12.2
15.4
40
1N4111
16.15
17
17.85
250
100
0.05
13.0
14.5
40
1N4112
17.10
18
18.90
250
100
0.05
13.7
13.2
40
1N4113
18.05
19
19.95
250
150
0.05
14.5
12.5
40
1N4114
19.00
20
21.00
250
150
0.01
15.2
11.9
40
1N4115
20.90
22
23.10
250
150
0.01
16.8
10.8
40
1N4116
22.80
24
25.20
250
150
0.01
18.3
9.9
40
1N4117
23.75
25
26.25
250
150
0.01
19.0
9.5
40
1N4118
25.65
27
28.35
250
150
0.01
20.5
8.8
40
1N4119
26.60
28
29.40
250
200
0.01
21.3
8.5
40
1N4120
28.50
30
31.50
250
200
0.01
22.8
7.9
40
1N4121
31.35
33
34.65
250
200
0.01
25.1
7.2
40
MARKING: FULL PART NUMBER
DO-35 CASE
R1 (4-February 2014)
www.centr a lsemi.com


Similar Part No. - 1N4126

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4126 CDI-DIODE-1N4126 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N4126 MICROSEMI-1N4126 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4126 MICROSEMI-1N4126 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4126 MICROSEMI-1N4126 Datasheet
111Kb / 2P
   LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
logo
Jinan Gude Electronic D...
1N4126 JGD-1N4126 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
More results

Similar Description - 1N4126

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N4614 CENTRAL-1N4614 Datasheet
431Kb / 3P
   Consolidated shipping options
CBR1 CENTRAL-CBR1 Datasheet
664Kb / 3P
   Consolidated shipping options
logo
Tripp Lite. All Rights ...
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
   4U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
   6U ABS Server Rack Equipment Shipping Case
SRCASE2U TRIPPLITE-SRCASE2U Datasheet
164Kb / 2P
   2U ABS Server Rack Equipment Shipping Case
SRCASE10U TRIPPLITE-SRCASE10U Datasheet
198Kb / 2P
   10U ABS Server Rack Equipment Shipping Case
logo
Artesyn Technologies
LDS70 ARTESYN-LDS70 Datasheet
973Kb / 3P
   Dimming options
LDS150 ARTESYN-LDS150 Datasheet
1,019Kb / 3P
   Dimming options
LDS100 ARTESYN-LDS100 Datasheet
998Kb / 3P
   Dimming options
logo
Littelfuse
K1500GRP LITTELFUSE-K1500GRP Datasheet
306Kb / 8P
   Packing Options
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com