Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTZU6.2E Datasheet(PDF) 1 Page - Rohm

Part # FTZU6.2E
Description  ESD Protection diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FTZU6.2E Datasheet(HTML) 1 Page - Rohm

  FTZU6.2E_15 Datasheet HTML 1Page - Rohm FTZU6.2E_15 Datasheet HTML 2Page - Rohm FTZU6.2E_15 Datasheet HTML 3Page - Rohm FTZU6.2E_15 Datasheet HTML 4Page - Rohm FTZU6.2E_15 Datasheet HTML 5Page - Rohm FTZU6.2E_15 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FTZU6.2E
Diodes
1/2
ESD Protection diode
FTZU6.2E
Applications
ESD Protection
(Anode common twin type)
Features
1) Small mold type. (SMD5)
2) High reliability
Construction
Silicon epitaxial planar
External dimensions (Unit : mm)
Land size figure
Each lead has same dimension
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25 C)
Electrical characteristic (Ta=25 C) ( Rating of per diode)
Symbol
Unit
P(
)m
Tj
Tstg
Limits
Parameter
W
er dissipation (*1
200
150
-55 to +150
Pow
Junction temperature
Storage temperature
Symbol
Min.
Typ.
Max.
Unit
Zener voltage
VZ
5.90
-
6.50
V
IZ=5mA
Reverse current
-
-
3.00
μA
VR=5.5V
Dynamic impedance
ZZ
--
60
Iz=5mA
Zener voltage
Zzk
-
-
100
IZ=0.5mA
Capacitance between terminals
Ct
-
8
-
pF
f=1MHz VR=0V
Zener voltage is measured with 40msec current supply
Conditions
Parameter


Similar Part No. - FTZU6.2E_15

ManufacturerPart #DatasheetDescription
logo
Rohm
FTZU6.2EFH ROHM-FTZU6.2EFH Datasheet
824Kb / 6P
   ESD Protection diode
FTZU6.2E ROHM-FTZU6.2E_08 Datasheet
165Kb / 3P
   ESD Protection diode
More results

Similar Description - FTZU6.2E_15

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com