Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4728A Datasheet(PDF) 4 Page - Central Semiconductor Corp

Part # 1N4728A
Description  Custom bar coding for shipments
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4728A Datasheet(HTML) 4 Page - Central Semiconductor Corp

  1N4728A Datasheet HTML 1Page - Central Semiconductor Corp 1N4728A Datasheet HTML 2Page - Central Semiconductor Corp 1N4728A Datasheet HTML 3Page - Central Semiconductor Corp 1N4728A Datasheet HTML 4Page - Central Semiconductor Corp 1N4728A Datasheet HTML 5Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PDN01010
11/02/15
5/02/16
http://www.centralsemi.com
11/02/16
Summary:1 Watt, High Voltage (82V thru 100V), glass body Zener diodes manufactured in the DO-41 and MELF packages are discontinued
and now classified as End of Life (EOL).
Although Central Semiconductor Corp. makes every effort to continue to produce devices that have been proclaimed EOL (End of Life) by
various manufacturers, it is an accepted industry practice to discontinue certain devices when customer demand falls below a minimum
level of sustainability. Accordingly, the following product(s) have been transitioned to End of Life status as part of Central's
Product Management Process. Any replacement product will be noted below. The effective date for placing the last purchase order will
be six(6) months from the date of this notice and twelve(12) months from the notice date for final shipments; this may be extended if
inventory is available.
Central Part Number
_________________________
Replacement
_________________________
CLL4762A BK
N/A
CLL4762A TR
N/A
CLL4762C BK
N/A
CLL4762C TR
N/A
CLL4763A BK
N/A
CLL4763A TR
N/A
CLL4764 TR
N/A
CLL4764A BK
N/A
CLL4764A TR
N/A
1N4762A BK
N/A
1N4762A TR
N/A
1N4763A BK
N/A
1N4763A TR
N/A
1N4764 BK
N/A
1N4764 TR
N/A
1N4764A BK
N/A
1N4764A TR
N/A
Central would be happy to assist you by providing additional information or technical data to help locate an alternate source if we
have no replacement available. Please email your requests to engineering@centralsemi.com.


Similar Part No. - 1N4728A

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N4728A MICROSEMI-1N4728A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Motorola, Inc
1N4728A MOTOROLA-1N4728A Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
Fairchild Semiconductor
1N4728A FAIRCHILD-1N4728A Datasheet
666Kb / 5P
   Zener Diodes
1N4728A FAIRCHILD-1N4728A Datasheet
50Kb / 5P
   Zeners
More results

Similar Description - 1N4728A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N4148 CENTRAL-1N4148 Datasheet
752Kb / 7P
   Custom bar coding for shipments
logo
HARTING Technology Grou...
09-21-000-9971 HARTING-09-21-000-9971 Datasheet
485Kb / 1P
   Han D-AV MK Coding Bar 88pcs. 5x10mm
2021-10-01
logo
Grayhill, Inc
61A32-060 GRAYHILL-61A32-060 Datasheet
432Kb / 2P
   Absolute Position Sensing 3, 4, or 5-Bit Custom Output Coding
logo
Keysight Technologies
N7608B KEYSIGHT-N7608B Datasheet
1Mb / 8P
   Signal Studio for Custom Modulation
logo
Pepperl+Fuchs Inc.
H-CP PF-H-CP Datasheet
408Kb / 1P
   Coding Pins
logo
List of Unclassifed Man...
IR2E16 ETC-IR2E16 Datasheet
81Kb / 3P
   LED for Bar Graphic Display
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com