Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C256M8D3-12BAN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4C256M8D3-12BAN
Description  8 internal banks for concurrent operation
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C256M8D3-12BAN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4C256M8D3-12BAN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C256M8D3-12BAN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C256M8D3-12BAN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C256M8D3-12BAN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C256M8D3-12BAN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C256M8D3-12BAN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C256M8D3-12BAN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C256M8D3-12BAN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C256M8D3-12BAN Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
l
Power-up and Initialization
The Following sequence is required for POWER UP and Initialization.
1. Apply power (RESET# is recommended to be maintained below 0.2 x VDD, all other inputs may be undefined).
RESET# needs to be maintained for minimum 200us with stable power. CKE is pulled “Low” anytime before
RESET# being de-asserted (min. time 10ns). The power voltage ramp time between 300mV to VDDmin must be
no greater than 200ms; and during the ramp, VDD>VDDQ and (VDD-VDDQ) <0.3 Volts.
- VDD and VDDQ are driven from a single power converter output, AND
- The voltage levels on all pins other than VDD, VDDQ, VSS, VSSQ must be less than or equal to VDDQ and
VDD on one side and must be larger than or equal to VSSQ and VSS on the other side. In addition, VTT is
limited to 0.95V max once power ramp is finished, AND
- Vref tracks VDDQ/2.
OR
- Apply VDD without any slope reversal before or at the same time as VDDQ.
- Apply VDDQ without any slope reversal before or at the same time as VTT & Vref.
- The voltage levels on all pins other than VDD, VDDQ, VSS, VSSQ must be less than or equal to VDDQ and
VDD on one side and must be larger than or equal to VSSQ and VSS on the other side.
2. After RESET# is de-asserted, wait for another 500us until CKE become active. During this time, the DRAM will
start internal state initialization; this will be done independently of external clocks.
3. Clock (CK, CK#) need to be started and stabilized for at least 10ns or 5tCK (which is larger) before CKE goes
active. Since CKE is a synchronous signal, the corresponding set up time to clock (tIS) must be meeting. Also a
NOP or Deselect command must be registered (with tIS set up time to clock) before CKE goes active. Once the
CKE registered “High” after Reset, CKE needs to be continuously registered “High” until the initialization
sequence is finished, including expiration of tDLLK and tZQinit.
4. The DDR3 DRAM will keep its on-die termination in high impedance state as long as RESET# is asserted.
Further, the DRAM keeps its on-die termination in high impedance state after RESET# deassertion until CKE is
registered HIGH. The ODT input signal may be in undefined state until tIS before CKE is registered HIGH. When
CKE is registered HIGH, the ODT input signal may be statically held at either LOW or HIGH. If RTT_NOM is to
be enabled in MR1, the ODT input signal must be statically held LOW. In all cases, the ODT input signal remains
static until the power up initialization sequence is finished, including the expiration of tDLLK and tZQinit.
5. After CKE being registered high, wait minimum of Reset CKE Exit time, tXPR, before issuing the first MRS
command to load mode register.(tXPR=max (tXS, 5tCK))
6. Issue MRS command to load MR2 with all application settings. (To issue MRS command for MR2, provide “Low”
to BA0 and BA2, “High” to BA1)
7. Issue MRS Command to load MR3 with all application settings. (To issue MRS command for MR3, provide “Low”
to BA2, “High” to BA0 and BA1)
8. Issue MRS Command to load MR1 with all application settings and DLL enabled. (To issue “DLL Enable”
command, provide “Low” to A0, “High” to BA0 and “Low” to BA1 and BA2)
9. Issue MRS Command to load MR0 with all application settings and “DLL reset”. (To issue DLL reset command
provide “High” to A8 and “Low” to BA0-BA2)
10. Issue ZQCL command to starting ZQ calibration.
11. Wait for both tDLLK and tZQinit completed.
12. The DDR3 SDRAM is now ready for normal operation.
 
 
 
 
2Gb Auto-AS4C256M8D3
Confidential
-10/82-
Rev.1.0
June 2015


Similar Part No. - AS4C256M8D3-12BAN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256M8D3-12BCN ALSC-AS4C256M8D3-12BCN Datasheet
2Mb / 82P
   Fully synchronous operation
AS4C256M8D3-12BIN ALSC-AS4C256M8D3-12BIN Datasheet
2Mb / 82P
   Fully synchronous operation
More results

Similar Description - AS4C256M8D3-12BAN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-DDR3L-AS4C128M8D3L ALSC-1GB-DDR3L-AS4C128M8D3L Datasheet
3Mb / 88P
   internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LD16160A ISSI-IS43LD16160A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C32M16MD1 ALSC-AS4C32M16MD1 Datasheet
4Mb / 75P
   Four internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LR32400G ISSI-IS43LR32400G Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R16400B ISSI-IS43R16400B Datasheet
4Mb / 57P
   Four internal banks for concurrent operation
IS43LR16640A ISSI-IS43LR16640A Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R32400D ISSI-IS43R32400D Datasheet
1Mb / 57P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C256M16D3B-12BCN ALSC-AS4C256M16D3B-12BCN Datasheet
2Mb / 41P
   Eight internal banks for concurrent operation
AS4C16M32MD1 ALSC-AS4C16M32MD1 Datasheet
2Mb / 58P
   Four internal banks for concurrent operation
AS4C256M16D3LB-12BCN ALSC-AS4C256M16D3LB-12BCN Datasheet
1Mb / 46P
   Eight internal banks for concurrent operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com