Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C4M16D1A-5TCN Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C4M16D1A-5TCN
Description  Internal pipeline architecture
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16D1A-5TCN Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C4M16D1A-5TCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TCN Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Operation Mode
Table 3 shows the truth table for the operation commands.
Table 3. Truth Table (Note (1), (2))
Command
State
CKEn-1 CKEn
DM BA0,1 A10
A0-9,11
CS RAS CAS WE
BankActivate
Idle(3)
H
X
X
V
Row address
L
L
H
H
BankPrecharge
Any
H
X
X
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
H
X
L
L
H
L
Write
Active(3)
H
X
X
V
L
Column
address
(A0 ~ A7)
L
H
L
L
Write and AutoPrecharge
Active(3)
H
X
X
V
H
L
H
L
L
Read
Active(3)
H
X
X
V
L
Column
address
(A0 ~ A7)
L
H
L
H
Read and Autoprecharge
Active(3)
H
X
X
V
H
L
H
L
H
(Extended)Mode Register Set
Idle
H
X
X
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
L
H
H
H
Burst Stop
Active(4)
H
X
X
X
X
X
L
H
H
L
Device Deselect
Any
H
X
X
X
X
X
H
X
X
X
AutoRefresh
Idle
H
H
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
L
L
L
H
SelfRefresh Exit
Idle
L
H
X
X
X
X
H
X
X
X
(SelfRefresh)
L
H
H
H
Precharge Power Down Mode
Entry
Idle
H
L
X
X
X
X
H
X
X
X
L
H
H
H
Precharge Power Down Mode
Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Active Power Down Mode
Entry
Active
H
L
X
X
X
X
H
X
X
X
L
V
V
V
Active Power Down Mode Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Data Input Mask Disable
Active
H
X
L
X
X
X
X
X
X
X
Data Input Mask Enable(5)
Active
H
X
H
X
X
X
X
X
X
X
Note:
1. V=Valid data, X=Don't Care, L=Low level, H=High level
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by BA signal.
4. Device state is 2, 4, 8, burst operation.
5. LDM and UDM can be enabled respectively.
 
 
 
 
4Mx16 DDR1-AS4C4M16D1A
Confidential
- 7/54 -
Rev.1.1
July 2015


Similar Part No. - AS4C4M16D1A-5TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M16D1A-5TAN ALSC-AS4C4M16D1A-5TAN Datasheet
2Mb / 54P
   AEC-Q100 Compliant
More results

Similar Description - AS4C4M16D1A-5TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
AS4C32M16D1A-CI ALSC-AS4C32M16D1A-CI Datasheet
1Mb / 64P
   Internal pipeline architecture
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91550 CYPRESS-MB91550 Datasheet
1Mb / 104P
   32-bit RISC, load/store architecture, 5-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460T CYPRESS-MB91460T Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
   32-bit RISC, load/store architecture, 5-stage pipeline
logo
Elite Semiconductor Mem...
M53D128168A-2E ESMT-M53D128168A-2E Datasheet
1Mb / 47P
   Internal pipelined double-data-rate architecture, two data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com