Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP527-2N6299 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CP527-2N6299
Description  PNP - Darlington Transistor Die
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP527-2N6299 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CP527-2N6299 Datasheet HTML 1Page - Central Semiconductor Corp CP527-2N6299 Datasheet HTML 2Page - Central Semiconductor Corp CP527-2N6299 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CP527-2N6299
PNP - Darlington Transistor Die
8.0 Amp, 80 Volt
MECHANICAL SPECIFICATIONS:
Die Size
110 x 110 MILS
Die Thickness
10.6 MILS
Base Bonding Pad Size
21 x 24 MILS
Emitter Bonding Pad Size
24 x 42 MILS
Top Side Metalization
Al – 20,000Å
Back Side Metalization
Ni/Ag – 2,000Å/10,000Å
Scribe Alley Width
4.3 mils
Wafer Diameter
4 INCHES
Gross Die Per Wafer
875
R1 (28-June 2016)
The CP527-2N6299 is a silicon PNP Darlington power transistor designed for high gain amplifier
applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
8.0
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEV
VCE=80V, VBE=1.5V
0.5
mA
ICEO
VCE=40V
0.5
mA
IEBO
VEB=5.0V
2.0
mA
BVCEO
IC=100mA
80
V
VCE(SAT)
IC=4.0A, IB=16mA
2.0
V
VCE(SAT)
IC=8.0A, IB=80mA
3.0
V
VBE(SAT)
IC=8.0A, IB=80mA
4.0
V
VBE(ON)
VCE=3.0V, IC=4.0A
2.8
V
hFE
VCE=3.0V, IC=4.0A
750
18K
hFE
VCE=3.0V, IC=8.0A
100
hfe
VCE=3.0V, IC=3.0A, f=1.0kHz
300
fT
VCE=3.0V, IC=3.0A, f=1.0MHz
4.0
MHz
Cob
VCB=10V, IE=0, f=100kHz
300
pF
www.centr a lsemi.
com


Similar Part No. - CP527-2N6299

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP527-2N6299-CT CENTRAL-CP527-2N6299-CT Datasheet
465Kb / 9P
   P-Channel JFET Die
R1 17-January 2018
CP527-2N6299-CT CENTRAL-CP527-2N6299-CT Datasheet
530Kb / 9P
   PNP - High Voltage Transistor Die
R0 8-August 2019
CP527-2N6299-WR CENTRAL-CP527-2N6299-WR Datasheet
465Kb / 9P
   P-Channel JFET Die
R1 17-January 2018
CP527-2N6299-WR CENTRAL-CP527-2N6299-WR Datasheet
530Kb / 9P
   PNP - High Voltage Transistor Die
R0 8-August 2019
More results

Similar Description - CP527-2N6299

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP527 CENTRAL-CP527 Datasheet
594Kb / 2P
   PNP - Darlington Transistor Die
CP727V-MPSA64 CENTRAL-CP727V-MPSA64 Datasheet
464Kb / 4P
   PNP - Darlington Transistor Die 0.5 Amp, 30 Volt
R0 3-August 2016
CP527-2N6053 CENTRAL-CP527-2N6053 Datasheet
722Kb / 4P
   PNP - Darlington Transistor Die 8.0 Amp, 60 Volt
R0 28-June 2016
CP630-CZT127 CENTRAL-CP630-CZT127 Datasheet
596Kb / 6P
   PNP - Darlington Transistor Die 5.0 Amp, 100 Volt
R0 28-July 2016
CP527-2N6042 CENTRAL-CP527-2N6042 Datasheet
723Kb / 4P
   PNP - Darlington Transistor Die 8.0 Amp, 100 Volt
R0 28-June 2016
CP630-TIP127 CENTRAL-CP630-TIP127 Datasheet
597Kb / 6P
   PNP - Darlington Transistor Die 5.0 Amp, 100 Volt
R0 28-July 2016
CP647-2N6287 CENTRAL-CP647-2N6287 Datasheet
546Kb / 6P
   PNP - Darlington Transistor Die 20 Amp, 100 Volt
R0 13-June 2016
CP527-2N6668 CENTRAL-CP527-2N6668 Datasheet
709Kb / 4P
   PNP - Darlington Transistor Die 10 Amp, 80 Volt
R0 28-June 2016
CP527-TIP147 CENTRAL-CP527-TIP147 Datasheet
723Kb / 4P
   PNP - Darlington Transistor Die 8.0 Amp, 100 Volt
R0 28-June 2016
CP630-2N6036 CENTRAL-CP630-2N6036 Datasheet
596Kb / 6P
   PNP - Darlington Transistor Die 4.0 Amp, 80 Volt
R0 28-July 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com