Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-9340-TR2 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ACPM-9340-TR2
Description  Power Amplifier Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPM-9340-TR2 Datasheet(HTML) 1 Page - Broadcom Corporation.

  ACPM-9340-TR2 Datasheet HTML 1Page - Broadcom Corporation. ACPM-9340-TR2 Datasheet HTML 2Page - Broadcom Corporation. ACPM-9340-TR2 Datasheet HTML 3Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Avago Technologies
- 1 -
Description
The ACPM-9340 is a fully matched 10-pin surface mount power
amplifier module developed for LTE Band 40, and it meets
stringent linearity power up to LTE (MPR=0 dBm) 28.4 dBm. The
2 mm × 2.5 mm form-factor package is self contained, and it
incorporates 50-ohm input and output matching networks.
The ACPM-9340 features CoolPAM circuit technology that
supports two power modes—low and high. The CoolPAM is a
stage bypass technology that enhances PAE (power added
efficiency) at low power range. The stage bypass feature
enhances PAE further at low output range, and it enables the
PA (power amplifier) to have exceptionally low quiescent
current. Without a DC-DC converter, it dramatically saves
average current consumption, extends the talk time of
mobiles, and prolongs the battery life. It can be used with the
APT (average power tracking) operation to reduce the power
consumption when VCC1 and VCC2 are connected to a DC-DC
converter externally, which adjusts the VCC1 and VCC2 voltage
according to the output power level.
The power amplifier is manufactured on an advanced InGaP
HBT (hetero-junction bipolar transistor) MMIC (microwave
monolithic integrated circuit) technology that offers
state-of-the-art reliability, temperature stability, and
ruggedness.
Features
Thin package (0.82 mm typical)
Excellent linearity in APT mode
MIPI RFFE interface
Two-mode power
Ten-pin surface mounting package
Internal 50-ohm matching networks for both RF input and
output
Separate drive and output VCC supplies
Green – Lead-free and RoHS compliant
Applications
Band 40 TD-LTE
Ordering Information
Part Number
Number of
Devices
Container
ACPM-9340-TR2
1,000
178 mm (7 in.) tape/reel
ACPM-9340-TR2
LTE Band 40 MIPI APT PA
2.0 mm × 2.5 mm
Power Amplifier Module
Product Brief


Similar Part No. - ACPM-9340-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-9340-TR2 AVAGO-ACPM-9340-TR2 Datasheet
169Kb / 3P
   Power Amplifier Module
More results

Similar Description - ACPM-9340-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-9430 AVAGO-ACPM-9430 Datasheet
168Kb / 3P
   Power Amplifier Module
ACPM-9002-TR1 AVAGO-ACPM-9002-TR1 Datasheet
170Kb / 3P
   Power Amplifier Module
ACPM-9020 AVAGO-ACPM-9020 Datasheet
165Kb / 3P
   Power Amplifier Module
ACPM-9317 AVAGO-ACPM-9317 Datasheet
168Kb / 3P
   Power Amplifier Module
ACPM-9320 AVAGO-ACPM-9320 Datasheet
169Kb / 3P
   Power Amplifier Module
ACPM-9341-TR2 AVAGO-ACPM-9341-TR2 Datasheet
169Kb / 3P
   Power Amplifier Module
logo
Broadcom Corporation.
ACPM-9002-TR1 BOARDCOM-ACPM-9002-TR1 Datasheet
170Kb / 3P
   Power Amplifier Module
ACPM-9017-TR1 BOARDCOM-ACPM-9017-TR1 Datasheet
169Kb / 3P
   Power Amplifier Module
ACPM-9411-TR1 BOARDCOM-ACPM-9411-TR1 Datasheet
167Kb / 3P
   Power Amplifier Module
ACPM-9417-TR2 BOARDCOM-ACPM-9417-TR2 Datasheet
167Kb / 3P
   Power Amplifier Module
ACPM-9430-TR1 BOARDCOM-ACPM-9430-TR1 Datasheet
168Kb / 3P
   Power Amplifier Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com