Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-31033 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AT-31033
Description  Low Current, High Performance NPN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AT-31033 Datasheet(HTML) 2 Page - Broadcom Corporation.

  AT-31033 Datasheet HTML 1Page - Broadcom Corporation. AT-31033 Datasheet HTML 2Page - Broadcom Corporation. AT-31033 Datasheet HTML 3Page - Broadcom Corporation. AT-31033 Datasheet HTML 4Page - Broadcom Corporation. AT-31033 Datasheet HTML 5Page - Broadcom Corporation. AT-31033 Datasheet HTML 6Page - Broadcom Corporation. AT-31033 Datasheet HTML 7Page - Broadcom Corporation. AT-31033 Datasheet HTML 8Page - Broadcom Corporation. AT-31033 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
AT-31011, AT-31033 Absolute Maximum Ratings
Symbol
Parameter
Units
Absolute Maximum[1]
VEBO
Emitter-Base Voltage
V
1.5
VCBO
Collector-Base Voltage
V
11
VCEO
Collector-Emitter Voltage
V
5.5
IC
Collector Current
mA
16
PT
Power Dissipation[2,3]
mW
150
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Notes:
1. Operation of this device above any one of these parameters may cause permanent damage.
2. TMounting Surface = 25°C.
3. Derate at 1.82 mW/°C for TC > 67.5°C.
Electrical Specifications, TA = 25°C
AT-31011
AT-31033
Symbol
Parameters and Test Conditions
Units
Min
Typ
Max
Min
Typ
Max
NF
Noise Figure
VCE = 2.7 V, IC = 1 mA
f = 0.9 GHz
dB
0.9[1]
1.2[1]
0.9[2]
1.2[2]
GA
Associated Gain
VCE = 2.7 V, IC = 1 mA
f = 0.9 GHz
dB
11[1]
13[1]
9[2]
11[2]
hFE
Forward Current
VCE = 2.7 V
-
70
300
70
300
Transfer Ratio
IC = 1 mA
ICBO
Collector Cutoff Current
VCB = 3 V
µA
0.05
0.2
0.05
0.2
IEBO
Emitter Cutoff Current
VEB = 1 V
µA
0.1
1.5
0.1
1.5
Notes:
1. Test circuit B, Figure 1. Numbers reflect device performance de-embedded from circuit losses. Input loss = 0.4 dB; output loss = 0.4 dB.
2. Test circuit A, Figure 1. Numbers reflect device performance de-embedded from circuit losses. Input loss = 0.4 dB; output loss = 0.4 dB.
Figure 1. Test Circuit for Noise Figure and Associated Gain. This Circuit is a Compromise Match Between Best Noise Fig-
ure, Best Gain, Stability, a Practical, Synthesizable Match, and a Circuit Capable of Matching Both the AT-305 and AT-310
Geometries.
AT-31011 fig 1
1000 pF
VBB
W = 10 L = 1860
W = 10 L = 1000
W = 30 L = 100
W = 30 L = 100
W = 10 L = 1860
1000 pF
VCC
25
W = 10 L = 1025
TEST CIRCUIT A: W = 20 L = 100
TEST CIRCUIT B: W = 20 L = 200 x 2
NOT TO SCALE
TEST CIRCUIT
BOARD MATL = 0.062" FR-4 (
ε = 4.8)
DIMENSIONS IN MILS
Thermal Resistance[2]:
θjc = 550°C/W


Similar Part No. - AT-31033

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-31033 HP-AT-31033 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31033-BLK HP-AT-31033-BLK Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31033-TR1 HP-AT-31033-TR1 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results

Similar Description - AT-31033

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AT-30533 BOARDCOM-AT-30533 Datasheet
278Kb / 10P
   Low Current, High Performance NPN
AT-32033 BOARDCOM-AT-32033 Datasheet
297Kb / 10P
   Low Current, High Performance NPN
logo
STMicroelectronics
STD878 STMICROELECTRONICS-STD878 Datasheet
261Kb / 10P
   High current, high performance, low voltage NPN transistors
August 2010 Rev 2
logo
Broadcom Corporation.
AT-30511 BOARDCOM-AT-30511 Datasheet
278Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistors
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com