Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPD16-CMR1U-06M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD16-CMR1U-06M
Description  Ultra Fast Rectifier Die 1.0 Amp, 600 Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD16-CMR1U-06M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD16-CMR1U-06M Datasheet HTML 1Page - Central Semiconductor Corp CPD16-CMR1U-06M Datasheet HTML 2Page - Central Semiconductor Corp CPD16-CMR1U-06M Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPD16-CMR1U-06M
Ultra Fast Rectifier Die
1.0 Amp, 600 Volt
Die Size
51 x 51 MILS
Die Thickness
14 MILS
Anode Bonding Pad Size
34 x 34 MILS
Top Side Metalization
Ni/Au – 4,500Å/1,000Å
Back Side Metalization
Ni/Au – 5,000Å/1,000Å
Scribe Alley Width
3.0 MILS
Wafer Diameter
4 INCHES
Gross Die Per Wafer
4,250
The CPD16-CMR1U-06M is a silicon 1.0 Amp, 600 Volt ultra fast recovery rectifier ideal for all
types of commercial, industrial, entertainment, and computer applications.
MECHANICAL SPECIFICATIONS:
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
600
V
DC Blocking Voltage
VR
600
V
RMS Reverse Voltage
VR(RMS)
420
V
Average Forward Current (TA=75°C)
IO
1.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
30
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=600V
5.0
µA
VF
IF=1.0A
1.4
V
CJ
VR=0, f=1.0MHz
40
pF
trr
IF=0.5A, IR=1.0A, Irr=0.25A
75
ns
R1 (30-August 2016)
www.centra lsemi.
com


Similar Part No. - CPD16-CMR1U-06M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD16-CMR1U-01M CENTRAL-CPD16-CMR1U-01M Datasheet
517Kb / 4P
   Ultra Fast Rectifier Die 1.0 Amp, 100 Volt
R2 13-March 2019
CPD16-CMR1U-04M CENTRAL-CPD16-CMR1U-04M Datasheet
517Kb / 4P
   Ultra Fast Rectifier Die 1.0 Amp, 400 Volt
R2 13-March 2019
More results

Similar Description - CPD16-CMR1U-06M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD24-CMR1F-06M CENTRAL-CPD24-CMR1F-06M Datasheet
825Kb / 3P
   Fast Rectifier Die 1.0 Amp, 600 Volt
CPD24-1N4946 CENTRAL-CPD24-1N4946 Datasheet
955Kb / 4P
   Fast Rectifier Die 1.0 Amp, 600 Volt
R1 26-March 2019
CPD16-CMR1U-01M CENTRAL-CPD16-CMR1U-01M Datasheet
517Kb / 4P
   Ultra Fast Rectifier Die 1.0 Amp, 100 Volt
R2 13-March 2019
CPD16-CMR1U-04M CENTRAL-CPD16-CMR1U-04M Datasheet
517Kb / 4P
   Ultra Fast Rectifier Die 1.0 Amp, 400 Volt
R2 13-March 2019
CPD24-1N4942 CENTRAL-CPD24-1N4942 Datasheet
955Kb / 4P
   Fast Rectifier Die 1.0 Amp, 200 Volt
R1 26-March 2019
CPD24-CMR1F-08M CENTRAL-CPD24-CMR1F-08M Datasheet
955Kb / 4P
   Fast Rectifier Die 1.0 Amp, 800 Volt
R1 26-March 2019
CPD24-1N4944 CENTRAL-CPD24-1N4944 Datasheet
955Kb / 4P
   Fast Rectifier Die 1.0 Amp, 400 Volt
R1 26-March 2019
CPD24-1N5615 CENTRAL-CPD24-1N5615 Datasheet
956Kb / 4P
   Fast Rectifier Die 1.0 Amp, 200 Volt
R1 26-March 2019
CPD24-CMR1F-04M CENTRAL-CPD24-CMR1F-04M Datasheet
955Kb / 4P
   Fast Rectifier Die 1.0 Amp, 400 Volt
R1 26-March 2019
CPD24-1N4934 CENTRAL-CPD24-1N4934 Datasheet
955Kb / 4P
   Fast Rectifier Die 1.0 Amp, 100 Volt
R1 26-March 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com