Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C4M16D1 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4C4M16D1
Description  Fully synchronous operation
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16D1 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4C4M16D1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M16D1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M16D1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16D1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16D1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16D1 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M16D1 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M16D1 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C4M16D1 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AS4C4M16D1
Alliance Memory, lnc. Confidential
8
Rev. 1.0
May /2011
 Addressing Mode Select Field (A3)
The Addressing Mode can be one of two modes, either Interleave Mode or Sequential Mode. Both
Sequential Mode and Interleave Mode support burst length of 2, 4, and 8.
Table 6. Addressing Mode
A3
Addressing Mode
0
Sequential
1
Interleave
Burst Definition, Addressing Sequence of Sequential and Interleave Mode
Table 7: Burst Address ordering
Burst
Length
Start Address
Sequential
Interleave
A2
A1
A0
2
X
X
0
0, 1
0, 1
X
X
1
1, 0
1, 0
4
X
0
0
0, 1, 2, 3
0, 1, 2, 3
X
0
1
1, 2, 3, 0
1, 0, 3, 2
X
1
0
2, 3, 0, 1
2, 3, 0, 1
X
1
1
3, 0, 1, 2
3, 2, 1, 0
8
0
0
0
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
0
0
1
1, 2, 3, 4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
0
1
0
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
0
1
1
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
1
0
0
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
1
0
1
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
1
1
0
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
1
1
1
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0
 CAS Latency Field (A6~A4)
This field specifies the number of clock cycles from the assertion of the Read command to the first read data.
The minimum whole value of CAS Latency depends on the frequency of CK. The minimum whole value
satisfying the following formula must be programmed into this field.
tCAC (min)
 CAS Latency X tCK
Table 8. CAS Latency
A6
A5
A4
CAS Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
Reserved
0
1
1
3 clocks
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved


Similar Part No. - AS4C4M16D1

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M16D1A-5TAN ALSC-AS4C4M16D1A-5TAN Datasheet
2Mb / 54P
   AEC-Q100 Compliant
AS4C4M16D1A-5TCN ALSC-AS4C4M16D1A-5TCN Datasheet
1Mb / 54P
   Internal pipeline architecture
AS4C4M16D1A-5TIN ALSC-AS4C4M16D1A-5TIN Datasheet
1Mb / 54P
   Internal pipeline architecture
More results

Similar Description - AS4C4M16D1

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com