Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54FCT574DBG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 54FCT574DBG8
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT574DBG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  54FCT574DBG8 Datasheet HTML 1Page - Integrated Device Technology 54FCT574DBG8 Datasheet HTML 2Page - Integrated Device Technology 54FCT574DBG8 Datasheet HTML 3Page - Integrated Device Technology 54FCT574DBG8 Datasheet HTML 4Page - Integrated Device Technology 54FCT574DBG8 Datasheet HTML 5Page - Integrated Device Technology 54FCT574DBG8 Datasheet HTML 6Page - Integrated Device Technology 54FCT574DBG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
4
IDT54/74FCT574T/AT/CT
FASTCMOSOCTALDREGISTERS(3-STATE)
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply Current
VCC = Max.
0.5
2
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
0.15
0.25
mA/
Current(4)
Outputs Open
VIN = GND
MHz
OE = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
1.5
3.5
mA
Outputs Open
VIN = GND
fCP = 10MHz
50% Duty Cycle
VIN = 3.4V
2
5.5
OE = GND
VIN = GND
fi = 5MHz
One Bit Toggling
VCC = Max.
VIN = VCC
3.8
7.3(5)
mA
Outputs Open
VIN = GND
fCP = 10MHz
50% Duty Cycle
VIN = 3.4V
6
16.3(5)
OE = GND
VIN = GND
Eight Bits Toggling
fi = 2.5MHz
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input; (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of
ΔICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fCP/2+ fiNi)
ICC = Quiescent Current
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Output Frequency
Ni = Number of Outputs at fi
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS


Similar Part No. - 54FCT574DBG8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT574D NSC-54FCT574D Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574DMQB NSC-54FCT574DMQB Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results

Similar Description - 54FCT574DBG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
   FAST CMOS OCTAL D REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
   FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com