Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS13568 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # APS13568
Description  Linear LED drive up to 150 mA
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

APS13568 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button APS13568 Datasheet HTML 7Page - Allegro MicroSystems APS13568 Datasheet HTML 8Page - Allegro MicroSystems APS13568 Datasheet HTML 9Page - Allegro MicroSystems APS13568 Datasheet HTML 10Page - Allegro MicroSystems APS13568 Datasheet HTML 11Page - Allegro MicroSystems APS13568 Datasheet HTML 12Page - Allegro MicroSystems APS13568 Datasheet HTML 13Page - Allegro MicroSystems APS13568 Datasheet HTML 14Page - Allegro MicroSystems APS13568 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LED Driver with Integrated
Micropower Hall-Effect Switch
APS13568
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
-70
-60
-50
-40
-30
-20
-10
0
-50
0
50
100
150
Ambient Temperature, TA (°C)
Operate Point, North (BOPN v. TA)
7 V
12 V
18 V
24 V
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
Supply Voltage, VIN (V)
Operate Point, North (BOPN v. VIN)
-40°C
25°C
125°C
-70
-60
-50
-40
-30
-20
-10
0
-50
0
50
100
150
Ambient Temperature, TA (°C)
Release Point, North (BRPN v. TA)
7 V
12 V
18 V
24 V
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
Supply Voltage, VIN (V)
Release Point, North (BRPN v. VIN)
-40°C
25°C
125°C
5
7
9
11
13
15
17
19
21
23
25
-50
0
50
100
150
Ambient Temperature, TA (°C)
Hysteresis (BHYS v. TA)
7 V
12 V
18 V
24 V
5
7
9
11
13
15
17
19
21
23
25
0
5
10
15
20
25
30
Supply Voltage, VIN (V)
Hysteresis (BHYS v. VIN)
-40°C
25°C
125°C


Similar Part No. - APS13568

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
APS13290KLHALT ALLEGRO-APS13290KLHALT Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
APS13290KLHALX ALLEGRO-APS13290KLHALX Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
APS13290KUAA ALLEGRO-APS13290KUAA Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
APS13291 ALLEGRO-APS13291 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
More results

Similar Description - APS13568

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
logo
Vishay Siliconix
REC38L VISHAY-REC38L_V01 Datasheet
71Kb / 3P
   Precision Linear Transducers, Conductive Plastic, Up to 150 mm
01-Jan-2022
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP150 AD-ADP150 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com