Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33731 Datasheet(PDF) 64 Page - Integrated Device Technology

Part # 82P33731
Description  Synchronous Equipment Timing Source for 10G/ 40G/ 100G Synchronous Ethernet
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82P33731 Datasheet(HTML) 64 Page - Integrated Device Technology

Back Button 82P33731_16 Datasheet HTML 60Page - Integrated Device Technology 82P33731_16 Datasheet HTML 61Page - Integrated Device Technology 82P33731_16 Datasheet HTML 62Page - Integrated Device Technology 82P33731_16 Datasheet HTML 63Page - Integrated Device Technology 82P33731_16 Datasheet HTML 64Page - Integrated Device Technology 82P33731_16 Datasheet HTML 65Page - Integrated Device Technology 82P33731_16 Datasheet HTML 66Page - Integrated Device Technology 82P33731_16 Datasheet HTML 67Page - Integrated Device Technology 82P33731_16 Datasheet HTML 68Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
64
©2016 Integrated Device Technology, Inc.
Revision 5, December 8, 2016
82P33731 Datasheet
8.5
INPUT / OUTPUT CLOCK TIMING
The inputs and outputs are aligned ideally. But due to the circuit delays, there is delay between the inputs and outputs.
Figure 33. Input / output clock timing
8.6
OUTPUT / OUTPUT CLOCK TIMING
Figure 34. Output / output clock timing
Table 40: Input-to-Output Delay via APLL1/2
Output
t1 Min (ns)
t1 Max (ns)
t1 Range (nspp)
Any LVCMOS Input to any of OUT01, OUT02 or
OUT07
13
19
6
(±3 around mean)
Any LVPECL/LVDS Input to any of OUT03, OUT04
OUT05 or OUT06
11.5
16.5
5
(±2.5 around mean)
Any Input to any APLL1/2 Output
10
19
9
(±4.5 around mean)
Any Input to [M]FRSYNC Output
08
8
(typical value is 2.5ns)
NOTE 1. The measurements in the above table takes into account any delays in the clock path from any input to any output; through either DPLL1 or DPLL2 and the
APLL either APLL1 or APLL2.
NOTE 2. The measurements in the above table are over operational temperature, varying power supply and repeated power on/off cycle.
NOTE 3. Measurements are taken using an ideal REF input and an ideal System clock to account for only internal delays in the device.
Table 41: APLL1/2 Output-to-Output Delay
Output
t1 Min (ps)
t1 Max (ps)
Output-to-Output, LVCMOS
(OUT01 to OUT02)
-110
110
Output-to-Output, LVPECL/LVDS
Input to a LVPECL/LVDS Output
(OUT03 to OUT04 or OUT05 to OUT06)
-85
85
Input Clock
Output Clock
t1
Output Clock
Output Clock
t1


Similar Part No. - 82P33731_16

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
82P33731 IDEA-82P33731_16 Datasheet
886Kb / 68P
   Synchronous Ethernet
More results

Similar Description - 82P33731_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82P33731 RENESAS-82P33731 Datasheet
1Mb / 66P
   Synchronous Equipment Timing Source for 10G/40G/100G Synchronous Ethernet
August 28, 2017
logo
Integrated Device Techn...
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
   Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
82P33741 RENESAS-82P33741 Datasheet
1Mb / 59P
   Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
September 15, 2017
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source
82P33810 IDT-82P33810_17 Datasheet
270Kb / 11P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
logo
Renesas Technology Corp
82P33831 RENESAS-82P33831 Datasheet
1Mb / 75P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
July 10, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com