Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71H103J Datasheet(PDF) 2 Page - Integrated Device Technology

Part # GRM155R71H103J
Description  6 Bit Digital Step Attenuator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM155R71H103J Datasheet(HTML) 2 Page - Integrated Device Technology

  GRM155R71H103J Datasheet HTML 1Page - Integrated Device Technology GRM155R71H103J Datasheet HTML 2Page - Integrated Device Technology GRM155R71H103J Datasheet HTML 3Page - Integrated Device Technology GRM155R71H103J Datasheet HTML 4Page - Integrated Device Technology GRM155R71H103J Datasheet HTML 5Page - Integrated Device Technology GRM155R71H103J Datasheet HTML 6Page - Integrated Device Technology GRM155R71H103J Datasheet HTML 7Page - Integrated Device Technology GRM155R71H103J Datasheet HTML 8Page - Integrated Device Technology GRM155R71H103J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
2
Rev 1, May 2017
IDTF1912NCGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
VDD to GND
VDD
-0.3
+5.5
V
DATA, LE, CLK, D[5:0]
VLogic
-0.3
Min (VDD-0.3,
3.6)
V
RF1, RF2
VRF
-0.3
+0.3
V
Maximum Input Power applied
to RF1 or RF2 (>100 MHz)
PRF
+34
dBm
Operating Case Temperature
+105
°C
Maximum Junction Temperature
TJmax
+140
°C
Junction Temperature
Tjmax
140
°C
Continuous Power Dissipation
1.5
W
Storage Temperature Range
Tst
-65
150
°C
Lead Temperature (soldering, 10s)
260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
2000
(Class 2)
Volts
ESD Voltage – CDM (Per JESD22-C101F)
VESDCDM
500
(Class C2)
Volts
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
This product features proprietary protection circuitry. However, it may be damaged if subjected to high energy ESD.
Please use proper ESD precautions when handling to avoid damage or loss of performance.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
50 °C/W
θJC (Junction – Case) [The Case is defined as the exposed paddle]
3 °C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL1


Similar Part No. - GRM155R71H103J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
GRM155R71H103J RENESAS-GRM155R71H103J Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
More results

Similar Description - GRM155R71H103J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
NXP Semiconductors
MMT20303H NXP-MMT20303H Datasheet
374Kb / 14P
   3-Bit Digital Step Attenuator
Rev. 0, 12/2015
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com