Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL10A106MA8NRNC Datasheet(PDF) 11 Page - Integrated Device Technology

Part # CL10A106MA8NRNC
Description  Wireless Power Receiver for 15W Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

CL10A106MA8NRNC Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button CL10A106MA8NRNC Datasheet HTML 7Page - Integrated Device Technology CL10A106MA8NRNC Datasheet HTML 8Page - Integrated Device Technology CL10A106MA8NRNC Datasheet HTML 9Page - Integrated Device Technology CL10A106MA8NRNC Datasheet HTML 10Page - Integrated Device Technology CL10A106MA8NRNC Datasheet HTML 11Page - Integrated Device Technology CL10A106MA8NRNC Datasheet HTML 12Page - Integrated Device Technology CL10A106MA8NRNC Datasheet HTML 13Page - Integrated Device Technology CL10A106MA8NRNC Datasheet HTML 14Page - Integrated Device Technology CL10A106MA8NRNC Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
11
April 4, 2017
Symbol
Description
Conditions
Min
Typical
Max
Units
tSU:STA
Set-up Time for Repeated
START Condition
0.6
µs
tBUF
Bus Free Time Between
STOP and START
Condition
1.3
µs
CB
Capacitive Load for each
Bus Line
150
pF
CI
SCL, SDA Input
Capacitance
5
pF
Thermal Shutdown
TSD
Thermal Shutdown
Rising[b]
140
°C
Falling
120
°C
[a] Do not externally load. For internal biasing only.
[b] If the die temperature exceeds 130°C, the Thermal_SHTDN_Status flag is set and an end power transfer (EPT) packet is sent (see Table 11).


Similar Part No. - CL10A106MA8NRNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10A106MO8NQNC SAMSUNG-CL10A106MO8NQNC Datasheet
78Kb / 2P
   Multi-layer Ceramic Capacitor
CL10A106MP8NNNC SAMSUNG-CL10A106MP8NNNC Datasheet
148Kb / 2P
   SPECIFICATION
CL10A106MQ8NNNC SAMSUNG-CL10A106MQ8NNNC Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Texas Instruments
CL10A106MQ8NRNC TI-CL10A106MQ8NRNC Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
CL10A106MQ8NRNC TI1-CL10A106MQ8NRNC Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
More results

Similar Description - CL10A106MA8NRNC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
   Wireless Power Receiver for 15W Applications
October 10, 2017
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
   Wireless Power Transmitter for 15W Applications
January 16, 2018
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
   Qi-compliant dual mode wireless power receiver for up to 15W applications
Rev 2 - June 2022
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
   15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
Renesas Technology Corp
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
   Wireless Power Receiver for Low Power Applications
May 5, 2022
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
   15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
   Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
   15W Wireless Power Transmitter
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com