Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD520S_S2_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SD520S_S2_00001
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD520S_S2_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SD520S_S2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SD520S_S2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SD520S_S2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SD520S_S2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SD520S_S2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PSD520S~SD560S
November 20,2014-REV.02
Page 2
RATING AND CHARACTERISTIC CURVES
Fig.2 -MAXIMUM NON-REPETITIVE SURGE
CURRENT
NO. OF CYCLE AT 60H
Z
110
10
0
20
40
60
80
100
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE , C
O
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
0
20
40
60
80
100
120
140
160
180
4
3
2
1
0
5
=20-30V
=40-60V
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
0.2
0.1
1.0
10
0.4
0.6
0.8
1.0
T=25 C
A
O
20-40V
50-60V
FORWARD VOLTAGE, VOLTS
Fig.3-TYPICAL REVERSE CHARACTERISTIC
T =100 C
J
O
T=25 C
J
O
V
=20-40V
RRM
V
=50-60V
RRM
20
10
-3
10
-2
10
-1
10
0
10
3
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE.%
10
2
10
1


Similar Part No. - SD520S_S2_00001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD520S-T3 WTE-SD520S-T3 Datasheet
43Kb / 3P
   5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SD520S PANJIT-SD520S_03 Datasheet
42Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD520S PANJIT-SD520S_09 Datasheet
119Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD520S_S2_00001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com