Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP21N60L Datasheet(PDF) 5 Page - International Rectifier

Part # IRFP21N60L
Description  SMPS MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP21N60L Datasheet(HTML) 5 Page - International Rectifier

  IRFP21N60L Datasheet HTML 1Page - International Rectifier IRFP21N60L Datasheet HTML 2Page - International Rectifier IRFP21N60L Datasheet HTML 3Page - International Rectifier IRFP21N60L Datasheet HTML 4Page - International Rectifier IRFP21N60L Datasheet HTML 5Page - International Rectifier IRFP21N60L Datasheet HTML 6Page - International Rectifier IRFP21N60L Datasheet HTML 7Page - International Rectifier IRFP21N60L Datasheet HTML 8Page - International Rectifier IRFP21N60L Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFP21N60L
www.irf.com
5
Fig 9. Maximum Safe Operating Area
Fig 10. Maximum Drain Current vs.
Case Temperature
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
VDD
Fig 11a. Switching Time Test Circuit
+
-
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 11b. Switching Time Waveforms
1
10
100
1000
10000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
Tc = 25°C
Tj = 150°C
Single Pulse
25
50
75
100
125
150
TC , Case Temperature (°C)
0
5
10
15
20
25


Similar Part No. - IRFP21N60L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP21N60L VISHAY-IRFP21N60L Datasheet
162Kb / 8P
   Power MOSFET
S-81273-Rev. B, 16-Jun-08
logo
Inchange Semiconductor ...
IRFP21N60L ISC-IRFP21N60L Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP21N60L VISHAY-IRFP21N60L Datasheet
237Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFP21N60LPBF IRF-IRFP21N60LPBF Datasheet
234Kb / 9P
   SMPS MOSFET
logo
Vishay Siliconix
IRFP21N60LPBF VISHAY-IRFP21N60LPBF Datasheet
162Kb / 8P
   Power MOSFET
S-81273-Rev. B, 16-Jun-08
More results

Similar Description - IRFP21N60L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com