Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1260CT Datasheet(PDF) 3 Page - International Rectifier

Part # IRU1260CT
Description  DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1260CT Datasheet(HTML) 3 Page - International Rectifier

  IRU1260CT Datasheet HTML 1Page - International Rectifier IRU1260CT Datasheet HTML 2Page - International Rectifier IRU1260CT Datasheet HTML 3Page - International Rectifier IRU1260CT Datasheet HTML 4Page - International Rectifier IRU1260CT Datasheet HTML 5Page - International Rectifier IRU1260CT Datasheet HTML 6Page - International Rectifier IRU1260CT Datasheet HTML 7Page - International Rectifier IRU1260CT Datasheet HTML 8Page - International Rectifier IRU1260CT Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRU1260
3
Rev. 2.1
09/19/02
www.irf.com
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU1260.
The control input pin of the regulator. This pin via a 10
V resistor is connected to the 5V
supply to provide the base current for the pass transistor of both regulators. This allows
the regulator to have very low dropout voltage which allows one to generate a well regu-
lated 2.5V supply from the 3.3V input. A high frequency, 1
mF capacitor is connected
between this pin and VIN pin to insure stability.
A resistor divider from this pin to VOUT1 pin and ground sets the output voltage. See
application circuit for the divider setting for 2.5V output.
A resistor divider from this pin to the VOUT2 pin and ground sets the output voltage. See
application circuit for the divider setting for 1.5V output.
This pin is connected to ground. It is also the tab of the package.
The output #2 (high current) of the regulator. A minimum of 100
mF capacitor must be
connected from this pin to ground to insure stability.
The power input pin of the regulator. Typically a large storage capacitor is connected from
this pin to ground to insure that the input voltage does not sag below the minimum dropout
voltage during the load transient response. This pin must always be higher than both VOUT
pins by the amount of the dropout voltage in order for the device to regulate properly.(See
data sheet)
The output #1 (low current) of the regulator. A minimum of 100
mF capacitor must be
connected from this pin to ground to insure stability.
PIN #
PIN SYMBOL
PIN DESCRIPTION
PIN DESCRIPTIONS
1
2
3
4
5
6
7
VCTRL
VFB1
VFB2
Gnd
VOUT2
VIN
VOUT1
VCTRL
VIN
Gnd
6
1
4
5
VOUT2
7 VOUT1
THERMAL
SHUTDOWN
1.20V
2
VFB1
3
VFB2
+


Similar Part No. - IRU1260CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260CM IRF-IRU1260CM Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260CP IRF-IRU1260CP Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - IRU1260CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
   6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com