Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1070832 Datasheet(PDF) 2 Page - SICK AG

Part # 1070832
Description  SENSORS FOR T-SLOT CYLINDERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1070832 Datasheet(HTML) 2 Page - SICK AG

  1070832 Datasheet HTML 1Page - SICK AG 1070832 Datasheet HTML 2Page - SICK AG 1070832 Datasheet HTML 3Page - SICK AG 1070832 Datasheet HTML 4Page - SICK AG 1070832 Datasheet HTML 5Page - SICK AG 1070832 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MZT7-03VNO-KU0 | MZT7
SENSORS FOR T-SLOT CYLINDERS
Ordering information
Type
Part no.
MZT7-03VNO-KU0
1070832
Other models and accessories
www.sick.com/MZT7
Detailed technical data
Features
Cylinder type
T-slot
Cylinder types with adapter
Profile cylinder
Tie rod cylinder
Round body cylinder
Dovetail groove cylinder
SMC rail CDQ2
SMC rail ECDQ2
Housing length
29.5 mm
Output type
NPN
Switching frequency
1,000 Hz
Output function
NC
Electrical wiring
DC 3-wire
Enclosure rating
IP65, IP67 1)
1) According to EN 60529.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Power consumption
≤ 8 mA 2)
Voltage drop
≤ 2 V
Continuous current Ia
≤ 100 mA
Protection class
III
Response sensitivity, typ.
3 mT
Overrun distance, typ.
10 mm
Hysteresis, typ.
< 0.8 mT
Reproducibility
≤ 0.1 mT 3)
Status indicator LED
Reverse polarity protection
Short-circuit protection
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) Without load.
3) Ub and Ta constant.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice


Similar Part No. - 1070832

ManufacturerPart #DatasheetDescription
logo
SICK AG
1070830 SICK-1070830 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
1070831 SICK-1070831 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
1070833 SICK-1070833 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
1070835 SICK-1070835 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
1070838 SICK-1070838 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results

Similar Description - 1070832

ManufacturerPart #DatasheetDescription
logo
SICK AG
MZT8-03VNS-KU0 SICK-MZT8-03VNS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWDS02 SICK-MZT8-2V8-N-KWDS02 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KP0 SICK-MZT8-28VPS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VNS-KP0 SICK-MZT7-03VNS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VPS-KQ0 SICK-MZT7-03VPS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KWB SICK-RZT7-03ZRS-KWB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KR0 SICK-MZT8-28VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KU0 SICK-MZT8-28VPS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZ2Q-FTZPS-KQ0 SICK-MZ2Q-FTZPS-KQ0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-03VPS-KR0 SICK-MZT8-03VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com