Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1260CM Datasheet(PDF) 9 Page - International Rectifier

Part # IRU1260CM
Description  DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1260CM Datasheet(HTML) 9 Page - International Rectifier

Back Button IRU1260CM Datasheet HTML 2Page - International Rectifier IRU1260CM Datasheet HTML 3Page - International Rectifier IRU1260CM Datasheet HTML 4Page - International Rectifier IRU1260CM Datasheet HTML 5Page - International Rectifier IRU1260CM Datasheet HTML 6Page - International Rectifier IRU1260CM Datasheet HTML 7Page - International Rectifier IRU1260CM Datasheet HTML 8Page - International Rectifier IRU1260CM Datasheet HTML 9Page - International Rectifier IRU1260CM Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRU1260
9
Rev. 2.1
09/19/02
www.irf.com
TYPICAL APPLICATION
INTEL 740 GRAPHICS CHIP APPLICATION
Ref Desig
Description
Qty
Part #
Manuf
U1
Dual LDO Regulator
1
IRU1260CM
IR
C1, C3
Capacitor
2
Elect, 680
mF, EEUFA1A681L
Panasonic
C4
Capacitor
1
Ceramic, 0.1
mF, SMT, 0805
Panasonic
C5
Capacitor
1
Elect,100
mF, 6.3V, ECAOJFQ101 Panasonic
R4
Resistor
1
10.2K
V, 1%, SMT, 0805
Panasonic
R3
Resistor
1
12.7K
V, 1%, SMT, 0805
Panasonic
R5
Resistor
1
3
V, 5%, SMT, 0805
Panasonic
Figure 7 - Typical application of IRU1260 to provide 2.7V from the 3.3V bus for the Intel 740 graphics chip.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 02/01
3.3V
2.7V
C1
R3
R4
C3
IRU1260
5V
C5
U1
C4
R5
VCTRL
VFB1
VFB2
Gnd
VOUT2
VIN
VOUT1
1
2
3
4
5
6
7


Similar Part No. - IRU1260CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260CM IRF-IRU1260CM Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - IRU1260CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
   6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com