Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS63LV1024-8K Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS63LV1024-8K
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63LV1024-8K Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

  IS63LV1024-8K Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS63LV1024-8K Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS63LV1024-8K Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS63LV1024-8K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS63LV1024-8K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS63LV1024-8K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63LV1024-8K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63LV1024-8K Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. H
10/02/00
IS63LV1024
ISSI®
ISSI®
Integrated Silicon Solution, Inc.
2231 Lawson Lane
Santa Clara, CA 95054
Tel: 1-800-379-4774
Fax: (408) 588-0806
E-mail: sales@issi.com
www.issi.com
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
8
IS63LV1024-8T
TSOP (Type II)
IS63LV1024-8J
300-mil Plastic SOJ
IS63LV1024-8K
400-mil Plastic SOJ
10
IS63LV1024-10T
TSOP (Type II)
IS63LV1024-10J
300-mil Plastic SOJ
IS63LV1024-10K
400-mil Plastic SOJ
12
IS63LV1024-12T
TSOP (Type II)
IS63LV1024-12J
300-mil Plastic SOJ
IS63LV1024-12K
400-mil Plastic SOJ
15
IS63LV1024-15T
TSOP (Type II)
IS63LV1024-15J
300-mil Plastic SOJ
IS63LV1024-15K
400-mil Plastic SOJ
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
8
IS63LV1024-8TI
TSOP (Type II)
IS63LV1024-8JI
300-mil Plastic SOJ
IS63LV1024-8KI
400-mil Plastic SOJ
10
IS63LV1024-10TI
TSOP (Type II)
IS63LV1024-10JI
300-mil Plastic SOJ
IS63LV1024-10KI
400-mil Plastic SOJ
12
IS63LV1024-12TI
TSOP (Type II)
IS63LV1024-12JI
300-mil Plastic SOJ
IS63LV1024-12KI
400-mil Plastic SOJ
15
IS63LV1024-15TI
TSOP (Type II)
IS63LV1024-15JI
300-mil Plastic SOJ
IS63LV1024-15KI
400-mil Plastic SOJ


Similar Part No. - IS63LV1024-8K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024-8K ISSI-IS63LV1024-8K Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024-8KI ISSI-IS63LV1024-8KI Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024-8KL ISSI-IS63LV1024-8KL Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
More results

Similar Description - IS63LV1024-8K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com