Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZT7-03ZRS-KR0 Datasheet(PDF) 2 Page - SICK AG

Part # RZT7-03ZRS-KR0
Description  SENSORS FOR T-SLOT CYLINDERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

RZT7-03ZRS-KR0 Datasheet(HTML) 2 Page - SICK AG

  RZT7-03ZRS-KR0 Datasheet HTML 1Page - SICK AG RZT7-03ZRS-KR0 Datasheet HTML 2Page - SICK AG RZT7-03ZRS-KR0 Datasheet HTML 3Page - SICK AG RZT7-03ZRS-KR0 Datasheet HTML 4Page - SICK AG RZT7-03ZRS-KR0 Datasheet HTML 5Page - SICK AG RZT7-03ZRS-KR0 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RZT7-03ZRS-KR0 | RZT7
SENSORS FOR T-SLOT CYLINDERS
Ordering information
Type
Part no.
RZT7-03ZRS-KR0
1070848
Other models and accessories
www.sick.com/RZT7
Detailed technical data
Features
Cylinder type
T-slot
Cylinder types with adapter
Profile cylinder
Tie rod cylinder
Round body cylinder
Dovetail groove cylinder
SMC rail CDQ2
SMC rail ECDQ2
Housing length
29.5 mm
Output type
Reed
Switching frequency
± 400 Hz
Output function
NO
Electrical wiring
AC/DC 3-wire
Enclosure rating
IP65, IP67 1)
1) According to EN 60529.
Mechanics/electronics
Supply voltage
5 V AC/DC ... 30 V AC/DC 1)
Voltage drop
≤ 0.1 V 2)
Continuous current Ia
≤ 500 mA 3)
≤ 300 mA 4)
Switching capacity
≤ 6 W
Protection class
III
Response sensitivity, typ.
3 mT
Overrun distance, typ.
10 mm
Reproducibility
≤ 0.1 mT 5)
Status indicator LED
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) For cable length up to 0.3 m.
3) DC.
4) AC.
5) Ub and Ta constant.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice


Similar Part No. - RZT7-03ZRS-KR0

ManufacturerPart #DatasheetDescription
logo
SICK AG
RZT7-03ZRS-KP0 SICK-RZT7-03ZRS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KQ0 SICK-RZT7-03ZRS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KUB SICK-RZT7-03ZRS-KUB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KW0 SICK-RZT7-03ZRS-KW0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results

Similar Description - RZT7-03ZRS-KR0

ManufacturerPart #DatasheetDescription
logo
SICK AG
MZT8-03VNS-KU0 SICK-MZT8-03VNS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWDS02 SICK-MZT8-2V8-N-KWDS02 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KP0 SICK-MZT8-28VPS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VNS-KP0 SICK-MZT7-03VNS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VPS-KQ0 SICK-MZT7-03VPS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KWB SICK-RZT7-03ZRS-KWB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KR0 SICK-MZT8-28VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KU0 SICK-MZT8-28VPS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZ2Q-FTZPS-KQ0 SICK-MZ2Q-FTZPS-KQ0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-03VPS-KR0 SICK-MZT8-03VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com