Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS63LV1024-12T Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS63LV1024-12T
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63LV1024-12T Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS63LV1024-12T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS63LV1024-12T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS63LV1024-12T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS63LV1024-12T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS63LV1024-12T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS63LV1024-12T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63LV1024-12T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63LV1024-12T Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. H
10/02/00
IS63LV1024
ISSI®
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
Com.
–11
µA
Ind.
–55
ILO
Output Leakage
GND
≤ VOUT ≤ VCC, Outputs Disabled Com.
–11
µA
Ind.
–55
Notes:
1. VIL = –3.0V for pulse width less than 10 ns.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
CI/O
Input/Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 3.3V.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
ICC1
Vcc Operating
VCC = Max.,
CE = VIL
Com.
160
150
130
120
mA
Supply Current
IOUT = 0 mA, f = Max.
Ind.
170
160
140
130
ISB
TTL Standby
VCC = Max.,
Com.
55
45
40
35
mA
Current
VIN = VIH or VIL
Ind.
55
45
40
35
(TTL Inputs)
CE
≥ VIH, f = Max
ISB1
TTL Standby
VCC = Max.,
Com.
25
25
25
25
mA
Current
VIN = VIH or VIL
Ind.
30
30
30
30
(TTL Inputs)
CE
≥ VIH, f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
5
5
5
5mA
Current
CE
≤ VCC – 0.2V,
Ind.
10
10
10
10
(CMOS Inputs)
VIN
≥ VCC – 0.2V, or
VIN
≤ 0.2V, f = 0
Notes:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V ± 0.3V
Industrial
–40°C to +85°C
3.3V ± 0.15V


Similar Part No. - IS63LV1024-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024-12T ISSI-IS63LV1024-12T Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024-12TI ISSI-IS63LV1024-12TI Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
More results

Similar Description - IS63LV1024-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com