Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C16M16S-7TCN Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4C16M16S-7TCN
Description  Programmable Mode registers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16S-7TCN Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4C16M16S-7TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C16M16S-7TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C16M16S-7TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C16M16S-7TCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C16M16S-7TCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C16M16S-7TCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C16M16S-7TCN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C16M16S-7TCN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C16M16S-7TCN Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
AS4C16M16S
Confidential
11
Rev. 3
Feb. /2014
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
NOP
WRITE A
READ B
NOP
NOP
NOP
NOP
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
CAS# Latency=3
tCK3, DQ
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DIN A0
don’t care
DIN A0
don’t care
don’t care
Input data must be removed from the DQ at
least one clock cycle before the Read data
appears on the outputs to avoid data contention
Figure 12. Write Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3)
The BankPrecharge/PrechargeAll command that interrupts a write burst without the auto precharge
function should be issued m cycles after the clock edge in which the last data-in element is registered, where m
equals tWR/tCK rounded up to the next whole number. In addition, the DQM signals must be used to mask input
data, starting with the clock edge following the last data-in element and ending with the clock edge on which the
BankPrecharge/PrechargeAll command is entered (refer to the following figure).
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
WRITE
NOP
NOP
Precharge
NOP
NOP
Activate
NOP
T7
DQM
Don’t Care
ADDRESS
Bank
Col n
Bank (s)
ROW
tRP
DIN
n
DIN
N+1
tWR
DQ
Note: The DQMs can remain low in this example if the length of the write burst is 1 or 2.
Figure 13. Write to Precharge
7
Write and AutoPrecharge command
(RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "H", A0-A8 = Column Address)
The Write and AutoPrecharge command performs the precharge operation automatically after the write
operation. Once this command is given, any subsequent command can not occur within a time delay of
{(burst length -1) + tWR + tRP(min.)}. At full-page burst, only the write operation is performed in this command
and the auto precharge function is ignored.
CLK
DQ
T0
T1
T2
T3
T4
T5
T6
DIN A0
DIN A1
T7
T8
COMMAND
Bank A
Activate
NOP
NOP
WRITE A
Auto Precharge
NOP
NOP
NOP
NOP
NOP
T9
Bank A
Activate
tDAL=tWR+tRP
tDAL
Begin AutoPrecharge
Bank can be reactivated at
completion of tDAL
Figure 14. Burst Write with Auto-Precharge (Burst Length = 2)


Similar Part No. - AS4C16M16S-7TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 55P
   256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 55P
   Operating temperature range
AS4C16M16SA-6TCN ALSC-AS4C16M16SA-6TCN Datasheet
1Mb / 55P
   256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
More results

Similar Description - AS4C16M16S-7TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16S-CI ALSC-AS4C1M16S-CI Datasheet
1Mb / 54P
   Programmable Mode registers
AS4C8M16S ALSC-AS4C8M16S Datasheet
1Mb / 55P
   Programmable Mode registers
AS4C4M32S ALSC-AS4C4M32S Datasheet
1Mb / 46P
   Programmable Mode
logo
Siemens Semiconductor G...
HYB39S13620TQ- SIEMENS-HYB39S13620TQ- Datasheet
563Kb / 70P
   Special Mode Registers Two color registers Burst Read with Single Write Operation
logo
NXP Semiconductors
74F399 PHILIPS-74F399 Datasheet
88Kb / 10P
   Registers
1999 Jan 08
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
logo
Fairchild Semiconductor
74F652 FAIRCHILD-74F652 Datasheet
71Kb / 8P
   Transceivers/Registers
logo
National Semiconductor ...
54F651SDM NSC-54F651SDM Datasheet
188Kb / 10P
   Transceivers/Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
logo
Fairchild Semiconductor
74F651 FAIRCHILD-74F651 Datasheet
73Kb / 8P
   Transceivers/Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com