Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C16M16SA-6BIN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C16M16SA-6BIN
Description  Fully synchronous operation
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16SA-6BIN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C16M16SA-6BIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C16M16SA-6BIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C16M16SA-6BIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C16M16SA-6BIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C16M16SA-6BIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C16M16SA-6BIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C16M16SA-6BIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C16M16SA-6BIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C16M16SA-6BIN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
AS4C16M16SA
Confidential
6
Rev. 2.0 63nm
Mar /2014
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CLK. Table 4
shows the truth table for the operation commands.
Table 4. Truth Table (Note (1), (2))
Command
State
CKEn-1 CKEn DQM BA0,1 A10 A0-9,11-12 CS# RAS# CAS# WE#
BankActivate
Idle(3)
H
X
X
V
Row address
L
L
H
H
BankPrecharge
Any
H
X
X
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
H
X
L
L
H
L
Write
Active(3)
H
X
V
V
L
Column
address
(A0 ~ A8)
L
H
L
L
Write and AutoPrecharge
Active(3)
H
X
V
V
H
L
H
L
L
Read
Active(3)
H
X
V
V
L
Column
address
(A0 ~ A8)
L
H
L
H
Read and Autoprecharge
Active(3)
H
X
V
V
H
L
H
L
H
Mode Register Set
Idle
H
X
X
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
L
H
H
H
Burst Stop
Active(4)
H
X
X
X
X
X
L
H
H
L
Device Deselect
Any
H
X
X
X
X
X
H
X
X
X
AutoRefresh
Idle
H
H
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
L
L
L
H
SelfRefresh Exit
Idle
L
H
X
X
X
X
H
X
X
X
(SelfRefresh)
L
H
H
H
Clock Suspend Mode Entry
Active
H
L
X
X
X
X
H
X
X
X
L
V
V
V
Power Down Mode Entry
Any(5)
H
L
X
X
X
X
H
X
X
X
L
H
H
H
Clock Suspend Mode Exit
Active
L
H
X
X
X
X
X
X
X
X
Power Down Mode Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Data Write/Output Enable
Active
H
X
L
X
X
X
X
X
X
X
Data Mask/Output Disable
Active
H
X
H
X
X
X
X
X
X
X
Note: 1. V=Valid, X=Don't Care, L=Low level, H=High level
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by BA signal.
4. Device state is 1, 2, 4, 8, and full page burst operation.
5. Power Down Mode can not enter in the burst operation.
When this command is asserted in the burst cycle, device state is clock suspend mode.


Similar Part No. - AS4C16M16SA-6BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 55P
   256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 55P
   Operating temperature range
More results

Similar Description - AS4C16M16SA-6BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com