Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2547RTET Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2547RTET
Description  USB Charging Port Controller and 3-Amp Power Switch With Load Detection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2547RTET Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2547RTET Datasheet HTML 5Page - Texas Instruments TPS2547RTET Datasheet HTML 6Page - Texas Instruments TPS2547RTET Datasheet HTML 7Page - Texas Instruments TPS2547RTET Datasheet HTML 8Page - Texas Instruments TPS2547RTET Datasheet HTML 9Page - Texas Instruments TPS2547RTET Datasheet HTML 10Page - Texas Instruments TPS2547RTET Datasheet HTML 11Page - Texas Instruments TPS2547RTET Datasheet HTML 12Page - Texas Instruments TPS2547RTET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
−40
−20
0
20
40
60
80
100
Junction Temperature (°C)
VIN = 5.5 V
G005
130
140
150
160
170
180
190
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 4.5 V
VIN = 5 V
VIN = 5.5 V
Device configured for SDP
VILIMSEL = 0 V
G006
460
480
500
520
540
560
580
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 4.5 V
VIN = 5 V
VIN = 5.5 V
G003
0
500
1000
1500
2000
2500
3000
3500
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
RILIM_LO = 210 kΩ
RILIM_LO = 80.6 kΩ
RILIM_HI = 20 kΩ
RILIM_HI = 16.9 kΩ
G004
50
60
70
80
90
100
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G001
0
0.05
0.1
0.15
0.2
0.25
0.3
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G002
9
TPS2547
www.ti.com
SLVSE11A – MAY 2017 – REVISED MAY 2017
Product Folder Links: TPS2547
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. Power Switch ON Resistance vs Temperature
Figure 2. Reverse Leakage Current vs Temperature
Figure 3. OUT Discharge Resistance vs Temperature
Figure 4. OUT Short-Circuit Current Limit vs Temperature
Figure 5. Disabled in Supply Current vs Temperature
Figure 6. Enabled in Supply Current - SDP vs Temperature


Similar Part No. - TPS2547RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540 TI-TPS2540 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540A TI-TPS2540A Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540ARTER TI-TPS2540ARTER Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540ARTET TI-TPS2540ARTET Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
More results

Similar Description - TPS2547RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
   USB Charging Port Controller and Load Detection Power Switch
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
   USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
   USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com