Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-489B Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # HSMP-489B
Description  Surface Mount RF PIN Switch Diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-489B Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button HSMP-489B Datasheet HTML 5Page - Broadcom Corporation. HSMP-489B Datasheet HTML 6Page - Broadcom Corporation. HSMP-489B Datasheet HTML 7Page - Broadcom Corporation. HSMP-489B Datasheet HTML 8Page - Broadcom Corporation. HSMP-489B Datasheet HTML 9Page - Broadcom Corporation. HSMP-489B Datasheet HTML 10Page - Broadcom Corporation. HSMP-489B Datasheet HTML 11Page - Broadcom Corporation. HSMP-489B Datasheet HTML 12Page - Broadcom Corporation. HSMP-489B Datasheet HTML 13Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
Note: "AB" represents package marking code.
"C" re presents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
END VIEW
8 mm
4 mm
TOP VIEW
Note: "AB" represents package marking code.
"C" represents date code.
ABC
ABC
ABC
ABC
Option Descriptions
-BLKG = Bulk, 100 pcs. per antistatic bag
-TR1G = Tape and Reel, 3000 devices per 7" reel
-TR2G = Tape and Reel, 10,000 devices per 13" reel
Tape and Reeling conforms to Electronic Industries RS-481, “Taping of Surface Mounted Components for Automated
Placement.”
Device Orientation
For Outline SOT-143
For Outlines SOT-23, -323
For Outline SOT-363
Ordering Information
Specify part number followed by option. For example:
HSMP - 389x - xxx
Bulk or Tape and Reel Option
Part Number; x = Lead Code
Surface Mount PIN
Package Characteristics
Lead Material
Copper (SOT-323/363); Alloy 42 (SOT-23/143)
Lead Finish
Ni Pd Au
Maximum Soldering Temperature
260°C for 5 seconds
Minimum Lead Strength
2 pounds pull
Typical Package Inductance
2 nH
Typical Package Capacitance
0.08 pF (opposite leads)


Similar Part No. - HSMP-489B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-489B HP-HSMP-489B Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
HSMP-489B-BLK HP-HSMP-489B-BLK Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
HSMP-489B-BLK HP-HSMP-489B-BLK Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
HSMP-489B-TR1 HP-HSMP-489B-TR1 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
HSMP-489B-TR1 HP-HSMP-489B-TR1 Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
More results

Similar Description - HSMP-489B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com