Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3813 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # HSMP-3813
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-3813 Datasheet(HTML) 6 Page - Broadcom Corporation.

  HSMP-3813 Datasheet HTML 1Page - Broadcom Corporation. HSMP-3813 Datasheet HTML 2Page - Broadcom Corporation. HSMP-3813 Datasheet HTML 3Page - Broadcom Corporation. HSMP-3813 Datasheet HTML 4Page - Broadcom Corporation. HSMP-3813 Datasheet HTML 5Page - Broadcom Corporation. HSMP-3813 Datasheet HTML 6Page - Broadcom Corporation. HSMP-3813 Datasheet HTML 7Page - Broadcom Corporation. HSMP-3813 Datasheet HTML 8Page - Broadcom Corporation. HSMP-3813 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Assembly Information
SOT-323 PCB Footprint
A recommended PCB pad layout for the miniature SOT-323
(SC-70) package is shown in Figure 12 (dimensions are in
inches). This layout provides ample allowance for package
placement by automated assembly equipment without
adding parasitics that could impair the performance.
SMT Assembly
Reliable assembly of surface mount components is a
complex process that involves many material, process, and
equipment factors, including: method of heating (e.g., IR
or vapor phase reflow, wave soldering, etc.) circuit board
material, conductor thickness and pattern, type of solder
alloy, and the thermal conductivity and thermal mass of
components. Components with a low mass, such as the
SOT-323/-23 package, will reach solder reflow tempera-
tures faster than those with a greater mass.
After ramping up from room temperature, the circuit board
with components attached to it (held in place with solder
paste) passes through one or more preheat zones. The
preheat zones increase the temperature of the board and
components to prevent thermal shock and begin evaporat-
ing solvents from the solder paste. The reflow zone briefly
elevates the temperature sufficiently to produce a reflow
of the solder.
The rates of change of temperature for the ramp-up and
cool-down zones are chosen to be low enough to not
cause deformation of the board or damage to components
due to thermal shock. The maximum temperature in the
reflow zone (T
MAX
) should not exceed 260°C.
These parameters are typical for a surface mount assembly
process for Avago diodes. As a general guideline, the circuit
board and components should be exposed only to the
minimum temperatures and times necessary to achieve a
uniform reflow of solder.
0.026
0.039
0.079
0.022
Dimensions in inches
0.039
1
0.039
1
0.079
2.0
0.031
0.8
Dimensions in
inches
mm
0.035
0.9
Figure 12. Recommended PCB Pad Layout
for Avago’s SC70 3L/SOT-323 Products.
Figure 13. Recommended PCB Pad Layout for Avago’s SOT-23 Products.
SOT-23 PCB Footprint


Similar Part No. - HSMP-3813

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3813 HP-HSMP-3813 Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3813 HP-HSMP-3813 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3813 AVAGO-HSMP-3813 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3813-BLK HP-HSMP-3813-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3813-BLKG AVAGO-HSMP-3813-BLKG Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results

Similar Description - HSMP-3813

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3810 BOARDCOM-HSMP-3810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3812 BOARDCOM-HSMP-3812 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-481B BOARDCOM-HSMP-481B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3814-TR1G AVAGO-HSMP-3814-TR1G Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-4810 BOARDCOM-HSMP-4810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381B BOARDCOM-HSMP-381B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Agilent(Hewlett-Packard...
HSMP-381X HP-HSMP-381X Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-381F BOARDCOM-HSMP-381F Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3814 BOARDCOM-HSMP-3814 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381E BOARDCOM-HSMP-381E Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com