Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-4810 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # HSMP-4810
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-4810 Datasheet(HTML) 4 Page - Broadcom Corporation.

  HSMP-4810 Datasheet HTML 1Page - Broadcom Corporation. HSMP-4810 Datasheet HTML 2Page - Broadcom Corporation. HSMP-4810 Datasheet HTML 3Page - Broadcom Corporation. HSMP-4810 Datasheet HTML 4Page - Broadcom Corporation. HSMP-4810 Datasheet HTML 5Page - Broadcom Corporation. HSMP-4810 Datasheet HTML 6Page - Broadcom Corporation. HSMP-4810 Datasheet HTML 7Page - Broadcom Corporation. HSMP-4810 Datasheet HTML 8Page - Broadcom Corporation. HSMP-4810 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Microstrip Series Connection for HSMP-481x Series
In order to take full advantage of the low inductance of the
HSMP-481x series when using them in series applications,
both lead 1 and lead 2 should be connected together, as
shown in Figure 7.
Microstrip Shunt Connections for HSMP-481x Series
In Figure 8, the center conductor of the microstrip
line is interrupted and leads 1 and 2 of the HSMP-481x
series diode are placed across the resulting gap. This forces
the 1.5 nH lead inductance of leads 1 and 2 to appear as
part of a low pass filter, reducing the shunt
parasitic inductance and increasing the maximum available
attenuation. The 0.3 nHof shunt inductance external to the
diode is created by the via holes, and is a good estimate
for 0.032" thick material.
Typical Applications for HSMP-481x Low Inductance Series
12
3
HSMP-481x
Figure 6. Internal Connections.
Figure 7. Circuit Layout.
Figure 8. Circuit Layout.
Figure 9. Equivalent Circuit.
50 OHM MICROSTRIP LINES
PAD CONNECTED TO
GROUND BY TWO
VIA HOLES
0.3 nH
0.3 nH
0.3 pF
Rj
1.5 nH
1.5 nH
R
j
0.08
+ 2.5
I
b
0.9


Similar Part No. - HSMP-4810

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-4810 HP-HSMP-4810 Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-4810 HP-HSMP-4810 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-4810 AVAGO-HSMP-4810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Agilent(Hewlett-Packard...
HSMP-4810-BLK HP-HSMP-4810-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-4810-BLKG AVAGO-HSMP-4810-BLKG Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results

Similar Description - HSMP-4810

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3810 BOARDCOM-HSMP-3810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3812 BOARDCOM-HSMP-3812 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-481B BOARDCOM-HSMP-481B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3814-TR1G AVAGO-HSMP-3814-TR1G Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-381B BOARDCOM-HSMP-381B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Agilent(Hewlett-Packard...
HSMP-381X HP-HSMP-381X Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-381F BOARDCOM-HSMP-381F Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3813 BOARDCOM-HSMP-3813 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3814 BOARDCOM-HSMP-3814 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381E BOARDCOM-HSMP-381E Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com