Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2823 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # HSMS-2823
Description  Surface Mount RF Schottky Barrier Diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-2823 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button HSMS-2823 Datasheet HTML 2Page - Broadcom Corporation. HSMS-2823 Datasheet HTML 3Page - Broadcom Corporation. HSMS-2823 Datasheet HTML 4Page - Broadcom Corporation. HSMS-2823 Datasheet HTML 5Page - Broadcom Corporation. HSMS-2823 Datasheet HTML 6Page - Broadcom Corporation. HSMS-2823 Datasheet HTML 7Page - Broadcom Corporation. HSMS-2823 Datasheet HTML 8Page - Broadcom Corporation. HSMS-2823 Datasheet HTML 9Page - Broadcom Corporation. HSMS-2823 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Notes:
1. Avago Application Note 956‑4, “Schottky Diode Voltage Doubler.”
2. Raymond W. Waugh, “Designing Large‑Signal Detectors for Handsets and Base Stations,” Wireless Systems Design, Vol. 2, No. 7, July 1997, pp 42 – 48.
Thus, p‑type diodes are generally reserved for detector
applications (where very high values of R
V swamp out
high R
S) and n‑type diodes such as the HSMS‑282x are
used for mixer applications (where high L.O. drive levels
keep R
V low). DC biased detectors and self‑biased detec‑
tors used in gain or power control circuits.
Detector Applications
Detector circuits can be divided into two types, large signal
(P
in > ‑20 dBm) and small signal (Pin < ‑20 dBm). In general,
the former use resistive impedance matching at the input
to improve flatness over frequency—this is possible since
the input signal levels are high enough to produce ade‑
quate output voltages without the need for a high Q reac‑
tive input matching network. These circuits are self‑biased
(no external DC bias) and are used for gain and power
control of amplifiers.
Small signal detectors are used as very low cost receivers,
and require a reactive input impedance matching net‑
work to achieve adequate sensitivity and output voltage.
Those operating with zero bias utilize the HSMS‑ 285x
family of detector diodes. However, superior performance
over temperature can be achieved with the use of 3 to 30
µA of DC bias. Such circuits will use the HSMS‑282x family
of diodes if the operating frequency is 1.5 GHz or lower.
Typical performance of single diode detectors (using
HSMS‑2820 or HSMS‑282B) can be seen in the transfer
curves given in Figures 7 and 8. Such detectors can be re‑
alized either as series or shunt circuits, as shown in Figure
11.
The two diodes are in parallel in the RF circuit, lowering
the input impedance and making the design of the RF
matching network easier.
The two diodes are in series in the output (video)
circuit, doubling the output voltage.
Some cancellation of even‑order harmonics takes place
at the input.
Figure 11. Single Diode Detectors.
Figure 12. Voltage Doubler.
The most compact and lowest cost form of the doubler is
achieved when the HSMS‑2822 or HSMS‑282C series pair
is used.
Both the detection sensitivity and the DC forward voltage
of a biased Schottky detector are temperature sensitive.
Where both must be compensated over a wide range of
temperatures, the differential detector[2] is often used.
Such a circuit requires that the detector diode and the
reference diode exhibit identical characteristics at all DC
bias levels and at all temperatures. This is accomplished
through the use of two diodes in one package, for exam‑
ple the HSMS‑2825 in Figure 13. In the Avago assembly
facility, the two dice in a surface mount package are taken
from adjacent sites on the wafer (as illustrated in Figure
14). This assures that the characteristics of the two diodes
are more highly matched than would be possible through
individual testing and hand matching.
Figure 13. Differential Detector.
DC Bias
Shunt inductor provides
video signal return
Shunt diode provides
video signal return
DC Bias
DC Biased Diodes
Zero Biased Diodes
DC Bias
DC Biased Diodes
Zero Biased Diodes
dierential
amplier
RL
Video out
+3V
RF in
RL
RM
RF
impedance
matching
network
The series and shunt circuits can be combined into a volt‑
age doubler[1], as shown in Figure 12. The doubler offers
three advantages over the single diode circuit.


Similar Part No. - HSMS-2823

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2823 HP-HSMS-2823 Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2823 AVAGO-HSMS-2823 Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
logo
Agilent(Hewlett-Packard...
HSMS-2823-BLK HP-HSMS-2823-BLK Datasheet
209Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2823-BLK HP-HSMS-2823-BLK Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2823-BLKG HP-HSMS-2823-BLKG Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2823

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com