Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C128M16D3LB-12BCN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D3LB-12BCN
Description  Eight internal banks for concurrent operation
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D3LB-12BCN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C128M16D3LB-12BCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C128M16D3LB-12BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C128M16D3LB-12BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C128M16D3LB-12BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C128M16D3LB-12BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C128M16D3LB-12BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C128M16D3LB-12BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C128M16D3LB-12BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C128M16D3LB-12BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Specifications
-
Density : 2G bits
-
Organization :
- 16M words x 16 bits x 8 banks
-
Package :
- 96-ball FBGA
- Lead-free (RoHS compliant) and Halogen-free
-
Power supply : VDD, VDDQ = 1.35V (1.283V to 1.45V)
- Backward compatible to VDD, VDDQ = 1.5V ± 0.075V
-
Data rate : 1600Mbps
-
2KB page size
- Row address: A0 to A13
- Column address: A0 to A9
-
Eight internal banks for concurrent operation
-
Burst lengths (BL) : 8 and 4 with Burst Chop (BC)
-
Burst type (BT) :
- Sequential (8, 4 with BC)
- Interleave (8, 4 with BC)
-
CAS Latency (CL) : 5, 6, 7, 8, 9, 10, 11
-
CAS Write Latency (CWL) : 5, 6, 7, 8
-
Precharge : auto precharge option for each burst access
-
Driver strength : RZQ/7, RZQ/6 (RZQ = 240
Ω)
-
Refresh : auto-refresh, self-refresh
-
Refresh cycles :
- Average refresh period
7.8
μs at 0°C ≤ Tc ≤ +85°C
3.9
μs at +85°C < Tc ≤ +95°C
-
Operating case temperature range
- Comercial Tc = 0°C to +95°C
Features
-
Double-data-rate architecture; two data transfers per clock cycle
-
The high-speed data transfer is realized by the 8 bits prefetch pipe-
lined architecture
-
Bi-directional differential data strobe (DQS and DQS) is transmitted/
received with data for capturing data at the receiver
-
DQS is edge-aligned with data for READs; center-aligned with data
for WRITEs
-
Differential clock inputs (CK and CK)
-
DLL aligns DQ and DQS transitions with CK transitions
-
Commands entered on each positive CK edge; data and data mask
referenced to both edges of DQS
-
Data mask (DM) for write data
-
Posted CAS by programmable additive latency for better command
and data bus efficiency
-
On-Die Termination (ODT) for better signal quality
- Synchronous ODT
- Dynamic ODT
- Asynchronous ODT
-
Multi Purpose Register (MPR) for pre-defined pattern read out
-
ZQ calibration for DQ drive and ODT
-
RESET pin for Power-up sequence and reset function
-
SRT range : Normal/extended
-
Programmable Output driver impedance control
Table1.OrderingInformation
Part Number
Org
Temperature
MaxClock (MHz)
Package
AS4C128M16D3LB-12BCN 128Mx16
Commercial(Extended)
0°Cto
95°C
800
96-ballFBGA
Table2.SpeedGradeInformation
Speed Grade
Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
DDR3L-1600
800MHz
1
1
AS4C128M16D3LB-12BCN
Confidential
- 2/45 -
Rev.1.0 Mar 2016
1
3.75
1
3.75


Similar Part No. - AS4C128M16D3LB-12BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D3LB ALSC-AS4C128M16D3LB Datasheet
3Mb / 45P
   96 ball FBGA PACKAGE
More results

Similar Description - AS4C128M16D3LB-12BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256M16D3B-12BCN ALSC-AS4C256M16D3B-12BCN Datasheet
2Mb / 41P
   Eight internal banks for concurrent operation
AS4C256M16D3LB-12BCN ALSC-AS4C256M16D3LB-12BCN Datasheet
1Mb / 46P
   Eight internal banks for concurrent operation
1GB-DDR3L-AS4C128M8D3L ALSC-1GB-DDR3L-AS4C128M8D3L Datasheet
3Mb / 88P
   internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LD16160A ISSI-IS43LD16160A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C32M16MD1 ALSC-AS4C32M16MD1 Datasheet
4Mb / 75P
   Four internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LR32400G ISSI-IS43LR32400G Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R16400B ISSI-IS43R16400B Datasheet
4Mb / 57P
   Four internal banks for concurrent operation
IS43LR16640A ISSI-IS43LR16640A Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R32400D ISSI-IS43R32400D Datasheet
1Mb / 57P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C16M32MD1 ALSC-AS4C16M32MD1 Datasheet
2Mb / 58P
   Four internal banks for concurrent operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com