Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C128M32MD2-18BCN Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4C128M32MD2-18BCN
Description  Operating case temperature range
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M32MD2-18BCN Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4C128M32MD2-18BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BCN Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
Power-Up, Initialization, and Power-Off
LPDDR2 devices must be powered up and initialized in a predefined manner. Power-up and initialization by means other
than those specified will result in undefined operation.
Power Ramp and Device Initialization
The following sequence must be used to power up the device. Unless specified otherwise, this procedure is mandatory
and applies to devices.
Voltage Ramp:
While applying power (after Ta), CKE must be held LOW (=<0.2 x VDDCA), and all other inputs must be between VILmin
and VIHmax. The device outputs remain at High-Z while CKE is held LOW. Following the completion of the voltage ramp
(Tb), CKE must be maintained LOW. DQ, DM, DQS and DQS voltage levels must be between VSSQ and VDDQ during
voltage ramp to avoid latch up. CK, CK, CS, and CA input levels must be between VSSCA and VDDCA during voltage
ramp to avoid latch-up.
The following conditions apply:
Ta is the point where any power supply first reaches 300 mV.
After Ta is reached, VDD1 must be greater than VDD2 - 200 mV.
After Ta is reached, VDD1 and VDD2 must be greater than VDDCA - 200 mV.
After Ta is reached, VDD1 and VDD2 must be greater than VDDQ - 200 mV.
After Ta is reached, VREF must always be less than all other supply voltages.
The voltage difference between any of VSS, VSSQ, and VSSCA pins may not exceed 100 mV.
Tb is the point when all supply voltages are within their respective min/max operating conditions. Reference voltages
shall be within their respective min/max operating conditions a minimum of 5 clocks before CKE goes high.
Power ramp duration tINIT0 (Tb - Ta) must be no greater than 20 ms.
For supply and reference voltage operating conditions, see DC power table.
Beginning at Tb, CKE must remain LOW for at least Tinit1 = 100 ns, after which CKE can be asserted HIGH. The clock
must be stable at least Tinit2 = 5 x Tck prior to the first CKE LOW-to-HIGH transition (Tc). CKE, CS, and CA inputs must
observe setup and hold requirements (Tis, Tih) with respect to the first rising clock edge (as well as to subsequent falling
and rising edges).
If any MRRs are issued, the clock period must be within the range defined for tCKb (18ns to 100ns). MRWs can be
issued at normal clock frequencies as long as all AC timings are met. Some AC parameters (for example, Tdqsck) could
have relaxed timings (such as tDQSCKb) before the system is appropriately configured. While keeping CKE HIGH, NOP
commands must be issued for at least Tinit3 = 200us (Td).
RESET Command:
After Tinit3 is satisfied, the MRW RESET command must be issued (Td). An optional PRECHARGE ALL command can
be issued prior to the MRW RESET command. Wait at least Tinit4=1us while keeping CKE asserted and issuing NOP
commands.
AS4C128M32MD2-18BCN
AS4C128M32MD2-18BIN
Confidential
-8/103-
Rev.1.0 June 2016


Similar Part No. - AS4C128M32MD2-18BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M32MD2A-18BIN ALSC-AS4C128M32MD2A-18BIN Datasheet
4Mb / 122P
   Low power DDR2 SDRAM
AS4C128M32MD2A-25BIN ALSC-AS4C128M32MD2A-25BIN Datasheet
4Mb / 122P
   Low power DDR2 SDRAM
More results

Similar Description - AS4C128M32MD2-18BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C512M32MD3-15BCN ALSC-AS4C512M32MD3-15BCN Datasheet
2Mb / 104P
   Operating case temperature range
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com