Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54FCT245TPG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 54FCT245TPG
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT245TPG Datasheet(HTML) 7 Page - Integrated Device Technology

  54FCT245TPG Datasheet HTML 1Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 2Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 3Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 4Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 5Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 6Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT245T/AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
7
ORDERING INFORMATION
XX
Temp. Range
FCT
XXXX
Device Type
XX
Package
X
Process
Fast CMOS Octal Bidirectional Transceiver
245T
245AT
245CT
SO
PY
Q
PG
Industrial Options
Small Outline IC (PSG20)
Shrink Small Outline Package (PYG20)
Quarter-size Small Outline Package (PCG20)
Thin Shrink Small Outline Package (PGG20)
D
L
Military Options
CERDIP (CD20)
Leadless Chip Carrier (LC20)
Blank
B
Industrial
MIL-STD-883, Class B
54
74
−55°C to +125°C
−40°C to +85°C
Tube
Tape and Reel
Blank
8
X
Green
G
X
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
09/29/2009
Pg. 7
Updated the ordering information by removing the "IDT" notation and non RoHS part.
12/12/2016
Pg. 7
Updated the ordering information by adding detailed package information and Tape & Reel.


Similar Part No. - 54FCT245TPG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245D NSC-54FCT245D Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245DMQB NSC-54FCT245DMQB Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245F NSC-54FCT245F Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245FMQB NSC-54FCT245FMQB Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
More results

Similar Description - 54FCT245TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com