Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC0402KFNPO5BB Datasheet(PDF) 8 Page - YAGEO Corporation

Part # AC0402KFNPO5BB
Description  SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0402KFNPO5BB Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button AC0402KFNPO5BB Datasheet HTML 4Page - YAGEO Corporation AC0402KFNPO5BB Datasheet HTML 5Page - YAGEO Corporation AC0402KFNPO5BB Datasheet HTML 6Page - YAGEO Corporation AC0402KFNPO5BB Datasheet HTML 7Page - YAGEO Corporation AC0402KFNPO5BB Datasheet HTML 8Page - YAGEO Corporation AC0402KFNPO5BB Datasheet HTML 9Page - YAGEO Corporation AC0402KFNPO5BB Datasheet HTML 10Page - YAGEO Corporation AC0402KFNPO5BB Datasheet HTML 11Page - YAGEO Corporation AC0402KFNPO5BB Datasheet HTML 12Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Automotive grade
NP0
/X7R 6.3 V to 630 V
www.yageo.com
Mar. 31, 2017 V.6
Surface-Mount Ceramic Multilayer Capacitors
8
24
Product specification
CAPACITANCE RANGE & THICKNESS FOR X7R
Table 8
Size 0805
CAP.
0805
10 V
16 V
25 V
50 V
100 V
250 V
500 V
100 pF
150 pF
220 pF
330 pF
470 pF
680 pF
1.0 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.5 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
2.2 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
3.3 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
4.7 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
6.8 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
10 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
15 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
22 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
33 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
47 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
68 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
1.25± 0.2
100 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
1.25± 0.2
150 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
220 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
330 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
470 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
680 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1 µF
1.25± 0.2
1.25± 0.2
1.25± 0.2
2.2 µF
1.25± 0.2
NOTE
Values in shaded cells indicate thickness class in mm


Similar Part No. - AC0402KFNPO5BB

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
logo
List of Unclassifed Man...
AC04020 ETC-AC04020 Datasheet
1Mb / 2P
   LAWN MOWER BLADE
2-3-17 REV:03
AC04021 ETC-AC04021 Datasheet
1Mb / 2P
   LAWN MOWER BLADE
2-3-17 REV:03
logo
YAGEO Corporation
AC0402BRE07100R YAGEO-AC0402BRE07100R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
More results

Similar Description - AC0402KFNPO5BB

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com