Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT244ATLBGB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 74FCT244ATLBGB
Description  FAST CMOS OCTAL BUFFER/LIN DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT244ATLBGB Datasheet(HTML) 6 Page - Integrated Device Technology

  74FCT244ATLBGB Datasheet HTML 1Page - Integrated Device Technology 74FCT244ATLBGB Datasheet HTML 2Page - Integrated Device Technology 74FCT244ATLBGB Datasheet HTML 3Page - Integrated Device Technology 74FCT244ATLBGB Datasheet HTML 4Page - Integrated Device Technology 74FCT244ATLBGB Datasheet HTML 5Page - Integrated Device Technology 74FCT244ATLBGB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
6
IDT54/74FCT244T/AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
ORDERING INFORMATION
XX
Temp. Range
FCT
XXXX
Device Type
XX
Package
X
Process
Fast CMOS Octal Buffer/Line Driver
244T
244AT
244CT
SO
PY
Q
PG
Industrial Options
Small Outline IC (PSG20)
Shrink Small Outline Package (PYG20)
Quarter-size Small Outline Package (PCG20)
Thin Shrink Small Outline Package (PGG20)
D
L
Military Options
CERDIP (CD20)
Leadless Chip Carrier (LC20)
Blank
B
Industrial
MIL-STD-883, Class B
54
74
−55°C to +125°C
−40°C to +85°C
Tube
Tape and Reel
Blank
8
X
Green
G
X
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
09/29/2009
Pg. 6
Updated the ordering information by removing the "IDT" notation and non RoHS part.
12/12/2016
Pg. 6.
Updated the ordering information by adding detailed package information and Tape & Reel.


Similar Part No. - 74FCT244ATLBGB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT244 TI-74FCT244 Datasheet
20Kb / 3P
[Old version datasheet]   FCT Interface Logic Octal Buffers/Line Drivers, Three-State
logo
Integrated Device Techn...
74FCT244 IDT-74FCT244 Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT244TAT ETC2-74FCT244TAT Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - 74FCT244ATLBGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com