Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8545AG-02LFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8545AG-02LFT
Description  LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8545AG-02LFT Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8545AG-02LFT Datasheet HTML 1Page - Integrated Device Technology ICS8545AG-02LFT Datasheet HTML 2Page - Integrated Device Technology ICS8545AG-02LFT Datasheet HTML 3Page - Integrated Device Technology ICS8545AG-02LFT Datasheet HTML 4Page - Integrated Device Technology ICS8545AG-02LFT Datasheet HTML 5Page - Integrated Device Technology ICS8545AG-02LFT Datasheet HTML 6Page - Integrated Device Technology ICS8545AG-02LFT Datasheet HTML 7Page - Integrated Device Technology ICS8545AG-02LFT Datasheet HTML 8Page - Integrated Device Technology ICS8545AG-02LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
8545-02
LOW SKEW, 1-TO-4, LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
IDT™ / ICS™ LVDS FANOUT BUFFER
2
8545AG-02 REV. A NOVEMBER 15, 2012
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 9, 13
GND
Power
Power supply ground.
2
CLK_EN
Input
Pullup
Synchronizing clock enable. When HIGH, clock outputs follows clock input.
When LOW, Qx outputs are forced low, nQx outputs are forced high.
LVCMOS / LVTTL interface levels.
3
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects CLK2 input.
When LOW, selects CLK1 input. LVCMOS / LVTTL interface levels.
4
CLK1
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
5, 7
nc
Unused
No connect.
6
CLK2
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
8
OE
Input
Pullup
Output enable. Controls enabling and disabling of outputs Q0/nQ0 through
Q3/nQ3. LVCMOS/LVTTL interface levels.
10, 18
VDD
Power
Positive supply pins.
11, 12
Q3, Q3
Output
Differential output pair. LVDS interface levels.
14, 15
Q2, Q2
Output
Differential output pair. LVDS interface levels.
16, 17
Q1, Q1
Output
Differential output pair. LVDS interface levels.
19, 20
Q0, Q0
Output
Differential output pair. LVDS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k


Similar Part No. - ICS8545AG-02LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545AG-02LFT IDT-ICS8545AG-02LFT Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8545AG-02LFT RENESAS-ICS8545AG-02LFT Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
More results

Similar Description - ICS8545AG-02LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105I RENESAS-854105I Datasheet
474Kb / 14P
   Low Skew, 1-to-4, LVCMOS/ LVTTL-to-LVDS Fanout Buffer
February 23, 2016
logo
Integrated Device Techn...
8545 IDT-8545 Datasheet
228Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545I-02 IDT-ICS8545I-02 Datasheet
675Kb / 13P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8545I-02 RENESAS-8545I-02 Datasheet
390Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
logo
Integrated Device Techn...
ICS8545I IDT-ICS8545I Datasheet
715Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105 RENESAS-854105 Datasheet
407Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL-to-LVDS Fanout Buffer
7/10/15
8545-01 RENESAS-8545-01 Datasheet
413Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Rev A 7/10/15
8545-02 RENESAS-8545-02 Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
logo
Integrated Device Techn...
8545I-02 IDT-8545I-02 Datasheet
192Kb / 13P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com