Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V2548SA150BGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT71V2548SA150BGI
Description  128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2548SA150BGI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT71V2548SA150BGI Datasheet HTML 1Page - Integrated Device Technology IDT71V2548SA150BGI Datasheet HTML 2Page - Integrated Device Technology IDT71V2548SA150BGI Datasheet HTML 3Page - Integrated Device Technology IDT71V2548SA150BGI Datasheet HTML 4Page - Integrated Device Technology IDT71V2548SA150BGI Datasheet HTML 5Page - Integrated Device Technology IDT71V2548SA150BGI Datasheet HTML 6Page - Integrated Device Technology IDT71V2548SA150BGI Datasheet HTML 7Page - Integrated Device Technology IDT71V2548SA150BGI Datasheet HTML 8Page - Integrated Device Technology IDT71V2548SA150BGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
6.42
IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
5
Recommended Operating
Temperature and Supply Voltage
Pin Configuration — 128K x 36
NOTES:
1. Pins 14, 16 and 66 do not have to be connected directly to VDD as long as the input voltage is
≥ VIH.
2. Pins 83 and 84 are reserved for future 8M and 16M respectively.
3. Pin 64 does not have to be connected directly to VSS as long as the input voltage is
≤ VIL; on the latest die revision this
pin supports ZZ (sleep mode).
Top View
100 TQFP
100 999897969594 93 92 91 90
87868584838281
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
I/O31
I/O30
VDDQ
VSS
I/O29
I/O28
I/O27
I/O26
VSS
VDDQ
I/O25
I/O24
VSS
VDD
I/O23
I/O22
VDDQ
VSS
I/O21
I/O20
I/O19
I/O18
VSS
VDDQ
I/O17
I/O16
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
I/O14
VDDQ
VSS
I/O13
I/O12
I/O11
I/O10
VSS
VDDQ
I/O9
I/O8
VSS
VDD
I/O7
I/O6
VDDQ
VSS
I/O5
I/O4
I/O3
I/O2
VSS
VDDQ
I/O1
I/O0
5294 drw 02
VDD(1)
I/O15
I/OP3
VDD(1)
I/OP4
I/OP1
VDD(1)
I/OP2
VSS/ZZ(3)
,
Grade
Temperature(1)
VSS
VDD
VDDQ
Commercial
0°C to +70°C
0V
3.3V± 5%
2.5V± 5%
Industrial
-40°C to +85°C
0V
3.3V± 5%
2.5V± 5%
5294 tbl 05
NOTE:
1. TA is the "instant on" case temperature.


Similar Part No. - IDT71V2548SA150BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
IDT71V2546XS IDT-IDT71V2546XS Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results

Similar Description - IDT71V2548SA150BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
logo
Integrated Device Techn...
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71T75602 IDT-IDT71T75602 Datasheet
637Kb / 25P
   512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com